Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3495EDDB-TRPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT3495EDDB-TRPBF
Description  650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3495EDDB-TRPBF Datasheet(HTML) 1 Page - Linear Technology

  LT3495EDDB-TRPBF Datasheet HTML 1Page - Linear Technology LT3495EDDB-TRPBF Datasheet HTML 2Page - Linear Technology LT3495EDDB-TRPBF Datasheet HTML 3Page - Linear Technology LT3495EDDB-TRPBF Datasheet HTML 4Page - Linear Technology LT3495EDDB-TRPBF Datasheet HTML 5Page - Linear Technology LT3495EDDB-TRPBF Datasheet HTML 6Page - Linear Technology LT3495EDDB-TRPBF Datasheet HTML 7Page - Linear Technology LT3495EDDB-TRPBF Datasheet HTML 8Page - Linear Technology LT3495EDDB-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT3495/LT3495B/
LT3495-1/LT3495B-1
1
3495b1b1f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
650mA/350mA Micropower
Low Noise Boost Converter
with Output Disconnect
The LT®3495/LT3495B/LT3495-1/LT3495B-1 are low noise
boost converters with integrated power switch, feedback
resistor and output disconnect circuitry. The parts control
power delivery by varying both the peak inductor current
and switch off-time. This novel* control scheme results
in low output voltage ripple as well as high efficiency
over a wide load range. For the LT3495/LT3495-1, the
off-time of the switch is not allowed to exceed a fixed
level, guaranteeing the switching frequency stays above
the audio band for the entire load range. The parts feature
a high performance NPN power switch with a 650mA
and 350mA current limit for the LT3495/LT3495B and
LT3495-1/LT3495B-1 respectively. The quiescent current
is a low 60μA, which is further reduced to 0.1μA in shut-
down. The internal disconnect circuitry allows the output
voltage to be isolated from the input during shutdown. An
auxiliary reference input (CTRL pin) overrides the internal
1.235V feedback reference with any lower value allowing
full control of the output voltage during operation. The
LT3495 series are available in a tiny 10-lead 3mm
× 2mm
DFN package.
OLED Power Supply from One Li-Ion Cell
n Low Quiescent Current
60μA in Active Mode
0.1μA in Shutdown Mode
n Low Noise Control Scheme (Switching Frequency
Always Stays Above Audible Range for LT3495/-1)
n Integrated Power NPN:
650mA Current Limit (LT3495/B)
350mA Current Limit (LT3495-1/B-1)
n Integrated Output Disconnect
n Integrated Output Dimming
n Wide input range: 2.3V to 16V
n Wide output range : Up to 40V
n Integrated feedback resistor
n Tiny 10-Lead 3mm
× 2mm DFN Package
n OLED Power
n Low Noise Power
n MP3 Player
Output Voltage Ripple
vs Load Current
Efficiency vs Load Current
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners. *Patent pending.
LOAD CURRENT (mA)
0
50
40
20
30
10
0
1
3495 TA01b
100
10
1.0μF 0603
CAPACITOR AT VOUT
2.2μF 1206
CAPACITOR AT VOUT
SW
CAP
VCC
SHDN
CTRL
VOUT
FB
GND
909k
3495 TA01a
LT3495
4.7μF
1μF
10μH
2.2μF
ONE
Li-Ion
CELL
VOUT
16V
70mA
LOAD CURRENT (mA)
3495 TA01c
90
80
50
60
70
40
400
320
80
160
240
0
0.1
10
100
1
VIN = 3.6V
LOAD FROM CAP
LOAD FROM VOUT


Similar Part No. - LT3495EDDB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3495 LINER-LT3495 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495-1 LINER-LT3495-1 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495-1 LINER-LT3495-1_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495B LINER-LT3495B Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495B-1 LINER-LT3495B-1 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
More results

Similar Description - LT3495EDDB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3495B-1 LINER-LT3495B-1_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495 LINER-LT3495_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495-1 LINER-LT3495-1_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495B LINER-LT3495B_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3494 LINER-LT3494_15 Datasheet
271Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
LT3494A LINER-LT3494A_15 Datasheet
271Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
LT3494 LINER-LT3494 Datasheet
266Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
logo
Kingbor Technology Co
KB3436 KINGBOR-KB3436 Datasheet
164Kb / 11P
   600mA, 650kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LTC3429 LINER-LTC3429_15 Datasheet
204Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LT3473 LINER-LT3473 Datasheet
269Kb / 12P
   Micropower 1A Boost Converter with Schottky and Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com