Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3495BEDDB-1-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT3495BEDDB-1-PBF
Description  650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3495BEDDB-1-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3495BEDDB-1-PBF Datasheet HTML 3Page - Linear Technology LT3495BEDDB-1-PBF Datasheet HTML 4Page - Linear Technology LT3495BEDDB-1-PBF Datasheet HTML 5Page - Linear Technology LT3495BEDDB-1-PBF Datasheet HTML 6Page - Linear Technology LT3495BEDDB-1-PBF Datasheet HTML 7Page - Linear Technology LT3495BEDDB-1-PBF Datasheet HTML 8Page - Linear Technology LT3495BEDDB-1-PBF Datasheet HTML 9Page - Linear Technology LT3495BEDDB-1-PBF Datasheet HTML 10Page - Linear Technology LT3495BEDDB-1-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT3495/LT3495B/
LT3495-1/LT3495B-1
7
3495b1b1f
BLOCK DIAGRAM
PIN FUNCTIONS
GND (Pins 1, 2): Ground. Tie directly to local ground
plane.
VCC (Pin 3): Input Supply Pin. Must be locally by-
passed.
CTRL (Pin 4): Dimming Pin. If not used, tie CTRL to 1.5V
or higher. If in use, drive CTRL below 1.235V to override
the internal reference. See Applications section for more
information.
SHDN (Pin 5): Shutdown Pin. Tie to 1.5V or more to en-
able chip. Ground to shut down.
FB (Pin 6): Feedback Pin. Minimize the metal trace area
to this pin to minimize noise. Reference voltage is 1.235V.
There is an internal 76k resistor from the FB pin to GND. To
achieve the desired output voltage, choose R1 according
to the following formula:
R1 = 76 • (VOUT/1.235 – 1)kΩ
VOUT (Pin 7): Drain of Output Disconnect PMOS. Place a
bypass capacitor from this pin to GND. See Applications
information.
CAP (Pins 8, 9): Source of Output Disconnect PMOS.
Place a bypass capacitor from this pin to GND.
SW (Pin 10): Switch Pin. This is the collector of the in-
ternal NPN power switch. Minimize the metal trace area
connected to this pin to minimize EMI.
Exposed Pad (Pin 11): Ground. This pin must be soldered
to PCB.
10
+
6
3
4
FB
CTRL
76k
5
SHDN
VREF
SWITCH CONTROL
SHUNT CONTROL
DISCONNECT
CONTROL
START-UP CONTROL
VCC
INPUT
SW
2
GND
1
11
GND
8
CAP
9
CAP
7
VOUT
R1
3495 BD


Similar Part No. - LT3495BEDDB-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3495B LINER-LT3495B Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495B-1 LINER-LT3495B-1 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495B-1 LINER-LT3495B-1_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495B LINER-LT3495B_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
More results

Similar Description - LT3495BEDDB-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3495B-1 LINER-LT3495B-1_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495 LINER-LT3495_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495-1 LINER-LT3495-1_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495B LINER-LT3495B_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3494 LINER-LT3494_15 Datasheet
271Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
LT3494A LINER-LT3494A_15 Datasheet
271Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
LT3494 LINER-LT3494 Datasheet
266Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
logo
Kingbor Technology Co
KB3436 KINGBOR-KB3436 Datasheet
164Kb / 11P
   600mA, 650kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LTC3429 LINER-LTC3429_15 Datasheet
204Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LT3473 LINER-LT3473 Datasheet
269Kb / 12P
   Micropower 1A Boost Converter with Schottky and Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com