Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K827P8 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # K827P8
Description  Optocoupler, Phototransistor Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K827P8 Datasheet(HTML) 4 Page - Vishay Siliconix

  K827P8 Datasheet HTML 1Page - Vishay Siliconix K827P8 Datasheet HTML 2Page - Vishay Siliconix K827P8 Datasheet HTML 3Page - Vishay Siliconix K827P8 Datasheet HTML 4Page - Vishay Siliconix K827P8 Datasheet HTML 5Page - Vishay Siliconix K827P8 Datasheet HTML 6Page - Vishay Siliconix K827P8 Datasheet HTML 7Page - Vishay Siliconix K827P8 Datasheet HTML 8Page - Vishay Siliconix K827P8 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number 83522
Rev. 1.7, 26-Oct-04
K817P/ K827PH/ K847PH
Vishay Semiconductors
Switching Characteristics
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Delay time
VS = 5 V, IC = 2 mA, RL = 100 Ω
(see figure 1)
td
3.0
µs
Rise time
VS = 5 V, IC = 2 mA, RL = 100 Ω
(see figure 1)
tr
3.0
µs
Fall time
VS = 5 V, IC = 2 mA, RL = 100 Ω
(see figure 1)
tf
4.7
µs
Storage time
VS = 5 V, IC = 2 mA, RL = 100 Ω
(see figure 1)
ts
0.3
µs
Turn-on time
VS = 5 V, IC = 2 mA, RL = 100 Ω
(see figure 1)
ton
6.0
µs
Turn-off time
VS = 5 V, IC = 2 mA, RL = 100 Ω
(see figure 1)
toff
5.0
µs
Turn-on time
VS = 5 V, IF = 10 mA, RL = 1 kΩ
(see figure 2)
ton
9.0
µs
Turn-off time
VS = 5 V, IF = 10 mA, RL = 1 kΩ
(see figure 2)
toff
18.0
µs
Figure 1. Test circuit, non-saturated operation
Figure 2. Test circuit, saturated operation
Channel I
Channel II
95 10804
RG = 50 W
tp
tp = 50 s
T
= 0.01
+ 5 V
IF
0
50
W
100
W
IF
IC = 2 mA; adjusted through
input amplitude
Oscilloscope
RL = 1 MW
CL = 20 pF
Channel I
Channel II
95 10843
RG =50
tp
tp =50 s
T
= 0.01
+5V
IC
IF
0
50
1k
IF =10mA
Oscilloscope
RL
CL 20 pF
M
1
µ
Figure 3. Switching Times
tp
t
t
0
0
10%
90%
100%
tr
td
ton
ts
tf
toff
IF
IC
96 11698
tp
pulse duration
td
delay time
tr
rise time
ton (= td +tr)
turn-on time
ts
storage time
tf
fall time
toff (= ts +tf)
turn-off time


Similar Part No. - K827P8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K820J15C0GF5.H5 VISHAY-K820J15C0GF5.H5 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K820J15C0GF5.L2 VISHAY-K820J15C0GF5.L2 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K820J15C0GK5.H5 VISHAY-K820J15C0GK5.H5 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
K820J15C0GK5.L2 VISHAY-K820J15C0GK5.L2 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
K820J15C0GL5.H5 VISHAY-K820J15C0GL5.H5 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
More results

Similar Description - K827P8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCDT1110 VISHAY-TCDT1110_08 Datasheet
153Kb / 8P
   Optocoupler, Phototransistor Output
Rev. 1.8, 16-May-08
CNY17 VISHAY-CNY17_05 Datasheet
129Kb / 9P
   Optocoupler, Phototransistor Output,
Rev. 1.5, 09-Nov-05
TCDT1100 VISHAY-TCDT1100_08 Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.6, 16-May-08
TCET1201 VISHAY-TCET1201_V02 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2023
ILD621 VISHAY-ILD621_07 Datasheet
176Kb / 10P
   Optocoupler, Phototransistor Output
Rev. 1.5, 20-Dec-07
TCET1204 VISHAY-TCET1204_V01 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2022
CNY74-2H VISHAY-CNY74-2H_08 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output,Multichannel
Rev. 1.5, 07.-Dec-07
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com