Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C39 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BZX84C39
Description  350 mW Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX84C39 Datasheet(HTML) 1 Page - Vishay Siliconix

  BZX84C39 Datasheet HTML 1Page - Vishay Siliconix BZX84C39 Datasheet HTML 2Page - Vishay Siliconix BZX84C39 Datasheet HTML 3Page - Vishay Siliconix BZX84C39 Datasheet HTML 4Page - Vishay Siliconix BZX84C39 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BZX84C2V7–BZX84C51
Vishay Telefunken
Rev. 1, 01-Apr-99
1 (5)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85606
350 mW Surface Mount Zener Diodes
Features
D Planar die construction
D 350 mW Power dissipation
D Zener voltages from 2.7V – 51V
D Ideally suited for automated assembly processes
94 8550
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Power dissipation
on ceramic substrate
10mm x 8mm x 0.7mm
Pd
350
mW
Zener current (see figures 1–3 below)
Junction and storage
temperature range
Tj=Tstg
–55...+150
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
on ceramic substrate 10mm x 8mm x 0.7mm
RthJA
420
K/W
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward Voltage
IF=10 mA
VF
0.9
V


Similar Part No. - BZX84C39

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZX84C39 CENTRAL-BZX84C39 Datasheet
336Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
logo
Won-Top Electronics
BZX84C39 WTE-BZX84C39 Datasheet
56Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C39 DIODES-BZX84C39 Datasheet
204Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
MAKO SEMICONDUCTOR CO.,...
BZX84C39 MAKOSEMI-BZX84C39 Datasheet
825Kb / 5P
   SOT-23 Plastic-Encapsulate Diodes
logo
Diodes Incorporated
BZX84C39 DIODES-BZX84C39 Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
More results

Similar Description - BZX84C39

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5985BUR-1 MICROSEMI-1N5985BUR-1 Datasheet
397Kb / 5P
   Surface Mount 500 mW Zener Diodes
Rev. 1
logo
SUNMATE electronic Co.,...
MMBZ5221B SUNMATE-MMBZ5221B Datasheet
372Kb / 2P
   300 MW Surface Mount Zener Diodes
logo
First Components Intern...
BZX84C2V7 FCI-BZX84C2V7 Datasheet
111Kb / 2P
   350 mW ZENER DIODES (2.7V to 51V)
logo
Vishay Siliconix
TDSL110 VISHAY-TDSL110 Datasheet
54Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
DZ23C2V7 VISHAY-DZ23C2V7 Datasheet
53Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Bruckewell Technology L...
AZ23C27-51 BWTECH-AZ23C27-51 Datasheet
470Kb / 5P
   300 mw Dual Surface Mount Zener Diodes
logo
Microsemi Corporation
1N5221UR MICROSEMI-1N5221UR Datasheet
149Kb / 3P
   500 mW GLASS SURFACE MOUNT ZENER DIODES
logo
Diode Semiconductor Kor...
AZ23C2V7 DSK-AZ23C2V7 Datasheet
250Kb / 4P
   300 Mw Dual Surface Mount Zener Diodes
logo
Microsemi Corporation
1N4614UR-1 MICROSEMI-1N4614UR-1_V01 Datasheet
467Kb / 6P
   500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes
Rev. 2
logo
SeCoS Halbleitertechnol...
MM5Z SECOS-MM5Z Datasheet
76Kb / 4P
   100 mW, SOD-523 Series Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com