Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3493IDCB-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LT3493IDCB-PBF
Description  1.2A, 750kHz Step-Down Switching Regulator in 2mm3mm DFN
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3493IDCB-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3493IDCB-PBF Datasheet HTML 4Page - Linear Technology LT3493IDCB-PBF Datasheet HTML 5Page - Linear Technology LT3493IDCB-PBF Datasheet HTML 6Page - Linear Technology LT3493IDCB-PBF Datasheet HTML 7Page - Linear Technology LT3493IDCB-PBF Datasheet HTML 8Page - Linear Technology LT3493IDCB-PBF Datasheet HTML 9Page - Linear Technology LT3493IDCB-PBF Datasheet HTML 10Page - Linear Technology LT3493IDCB-PBF Datasheet HTML 11Page - Linear Technology LT3493IDCB-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT3493
8
3493fb
APPLICATIONS INFORMATION
FB Resistor Network
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the 1% resis-
tors according to:
R1= R2 VOUT
0.78V
–1
R2 should be 20k or less to avoid bias current errors.
Reference designators refer to the Block Diagram.
An optional phase lead capacitor of 22pF between VOUT
and FB reduces light-load output ripple.
Input Voltage Range
The input voltage range for LT3493 applications depends
on the output voltage and on the absolute maximum rat-
ings of the VIN and BOOST pins.
The minimum input voltage is determined by either the
LT3493’s minimum operating voltage of 3.6V, or by its
maximum duty cycle. The duty cycle is the fraction of
time that the internal switch is on and is determined by
the input and output voltages:
DC =
V
OUT + VD
V
IN –VSW + VD
where VD is the forward voltage drop of the catch diode
(~0.4V) and VSW is the voltage drop of the internal switch
(~0.4V at maximum load). This leads to a minimum input
voltage of:
VIN(MIN) =
VOUT + VD
DCMAX
–VD + VSW
with DCMAX = 0.91 (0.88 over temperature).
The maximum input voltage is determined by the absolute
maximum ratings of the VIN and BOOST pins. For con-
tinuous mode operation, the maximum input voltage is
determined by the minimum duty cycle DCMIN = 0.10:
VIN(MAX) =
VOUT + VD
DCMIN
–VD + VSW
Note that this is a restriction on the operating input voltage
for continuous mode operation; the circuit will tolerate
transient inputs up to the absolute maximum ratings
of the VIN and BOOST pins. The input voltage should be
limited to the VIN operating range (36V) during overload
conditions (short-circuit or start-up).
Minimum On Time
The part will still regulate the output at input voltages that
exceed VIN(MAX) (up to 40V), however, the output voltage
ripple increases as the input voltage is increased. Figure 1
illustrates switching waveforms in continuous mode for a
3V output application near VIN(MAX) = 33V.
As the input voltage is increased, the part is required
to switch for shorter periods of time. Delays associated
with turning off the power switch dictate the minimum
on time of the part. The minimum on time for the LT3493
is ~120ns. Figure 2 illustrates the switching waveforms
when the input voltage is increased to VIN = 35V.
VSW
20V/DIV
VOUT
200mV/DIV
AC COUPLED
COUT = 10μF
VOUT = 3V
VIN = 30V
ILOAD = 0.75A
L = 10μH
2μs/DIV
3493 F01
IL
0.5A/DIV
VSW
20V/DIV
VOUT
200mV/DIV
AC COUPLED
COUT = 10μF
VOUT = 3V
VIN = 35V
ILOAD = 0.75A
L = 10μH
2μs/DIV
3493 F02
IL
0.5A/DIV
Figure 1
Figure 2


Similar Part No. - LT3493IDCB-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3493 LINER-LT3493 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT3493-3 LINER-LT3493-3 Datasheet
405Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3493-3 LINER-LT3493-3_15 Datasheet
387Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator
LT3493EDCB-3 LINER-LT3493EDCB-3 Datasheet
405Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3493 LINER-LT3493_15 Datasheet
598Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator
More results

Similar Description - LT3493IDCB-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3493-3 LINER-LT3493-3 Datasheet
405Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LT3503 LINER-LT3503 Datasheet
428Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3505EDDTRPBF LINER-LT3505EDDTRPBF Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 3mm DFN
LT3493-3 LINER-LT3493-3_15 Datasheet
387Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator
LT3493 LINER-LT3493_15 Datasheet
598Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
   250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
LT3502 LINER-LT3502 Datasheet
386Kb / 24P
   1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com