Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3491ESC8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3491ESC8
Description  White LED Driver with Integrated Schottky in SC70 and 2mm2mm DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3491ESC8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3491ESC8 Datasheet HTML 4Page - Linear Technology LT3491ESC8 Datasheet HTML 5Page - Linear Technology LT3491ESC8 Datasheet HTML 6Page - Linear Technology LT3491ESC8 Datasheet HTML 7Page - Linear Technology LT3491ESC8 Datasheet HTML 8Page - Linear Technology LT3491ESC8 Datasheet HTML 9Page - Linear Technology LT3491ESC8 Datasheet HTML 10Page - Linear Technology LT3491ESC8 Datasheet HTML 11Page - Linear Technology LT3491ESC8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT3491
3491fa
For low DCR inductors, which is usually the case for this
application, the peak inrush current can be simplified as
follows:
I
V
L
r
L
LC
PK
IN
=
⎝⎜
⎠⎟
=
=
–.
• exp –
06
2
2
1
ω
α
ω
π
α
ω
rr
L
2
2
4•
where L is the inductance, r is the DCR of the inductor and
C is the output capacitance.
Table 3 gives inrush peak currents for some component
selections.
Table 3. Inrush Peak Currents
VIN (V)
r (
Ω)L (µH)
COUT (µF)
IP (A)
4.2
0.3
10
1.0
1.06
4.2
1.2
10
1.0
0.86
4.2
0.58
15
1.0
0.83
4.2
1.6
15
1.0
0.68
PROGRAMMING LED CURRENT
The feedback resistor (RSENSE) and the sense voltage
(VCAP – VLED) control the LED current.
The CTRL pin controls the sense reference voltage as
shown in the Typical Performance Characteristics. For
CTRL higher than 1.5V, the sense reference is 200mV,
which results in full LED current. In order to have accurate
LED current, precision resistors are preferred (1% is
recommended). The formula and table for RSENSE selec-
tion are shown below.
R
mV
I
SENSE
LED
=
200
Table 4. RSENSE Value Selection for 200mV Sense
ILED (mA)
RSENSE (Ω)
540
10
20
15
13.3
20
10
DIMMING CONTROL
There are three different types of dimming control circuits.
The LED current can be set by modulating the CTRL pin
with a DC voltage, a filtered PWM signal or directly with a
PWM signal.
Using a DC Voltage
For some applications, the preferred method of brightness
control is a variable DC voltage to adjust the LED current.
The CTRL pin voltage can be modulated to set the dimming
of the LED string. As the voltage on the CTRL pin increases
from 0V to 1.5V, the LED current increases from 0 to ILED.
As the CTRL pin voltage increases beyond 1.5V, it has no
effect on the LED current.
The LED current can be set by:
I
mV
R
when V
V
I
V
LED
SENSE
CTRL
LED
CTRL
>
200
15
6
,.
.2
25
125
,.
R
when V
V
SENSE
CTRL <
Feedback voltage variation versus control voltage is given
in the Typical Performance Characteristics.
APPLICATIO S I FOR ATIO


Similar Part No. - LT3491ESC8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3491 LINER-LT3491 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3491 LINER-LT3491 Datasheet
273Kb / 16P
   White LED Driver with Integrated Schottky in SC70
LT3491 LINER-LT3491_15 Datasheet
273Kb / 16P
   White LED Driver with Integrated Schottky in SC70
More results

Similar Description - LT3491ESC8

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3591EDDB LINEAR-LT3591EDDB Datasheet
274Kb / 16P
   White LED Driver with Integrated Schottky in 3mm 2mm DFN
logo
Linear Technology
LT3590 LINER-LT3590 Datasheet
216Kb / 16P
   48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
logo
Micrel Semiconductor
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
   2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
logo
Linear Technology
LT3498 LINER-LT3498 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
logo
Micrel Semiconductor
MIC2287 MICREL-MIC2287_05 Datasheet
398Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C MICREL-MIC2287C_11 Datasheet
959Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF and Thin SOT-23
MIC2287C MICREL-MIC2287C Datasheet
944Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287 MICREL-MIC2287 Datasheet
111Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287CYD5TR MICREL-MIC2287CYD5TR Datasheet
959Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
logo
Linear Technology
LT6660 LINER-LT6660 Datasheet
404Kb / 12P
   Tiny Micropower Precision Series References in 2mm 횞 2mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com