Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3481EMSE-TR Datasheet(PDF) 1 Page - Linear Technology

Part # LT3481EMSE-TR
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator with 50關A Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3481EMSE-TR Datasheet(HTML) 1 Page - Linear Technology

  LT3481EMSE-TR Datasheet HTML 1Page - Linear Technology LT3481EMSE-TR Datasheet HTML 2Page - Linear Technology LT3481EMSE-TR Datasheet HTML 3Page - Linear Technology LT3481EMSE-TR Datasheet HTML 4Page - Linear Technology LT3481EMSE-TR Datasheet HTML 5Page - Linear Technology LT3481EMSE-TR Datasheet HTML 6Page - Linear Technology LT3481EMSE-TR Datasheet HTML 7Page - Linear Technology LT3481EMSE-TR Datasheet HTML 8Page - Linear Technology LT3481EMSE-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3481
1
3481fb
36V, 2A, 2.8MHz Step-Down
Switching Regulator with
50µA Quiescent Current
The LT®3481 is an adjustable frequency (300kHz to 2.8MHz)
monolithic buck switching regulator that accepts input
voltages up to 34V (36V maximum). A high efficiency
0.18
Ω switch is included on the die along with a boost
Schottky diode and the necessary oscillator, control, and
logic circuitry. Current mode topology is used for fast
transient response and good loop stability. Low ripple
Burst Mode operation maintains high efficiency at low
output currents while keeping output ripple below 15mV
in a typical application. In addition, the LT3481 can fur-
ther enhance low output current efficiency by drawing
bias current from the output when VOUT is above 3V.
Shutdown reduces input supply current to less than 1μA
while a resistor and capacitor on the RUN/SS pin provide a
controlled output voltage ramp (soft-start). A power good
flag signals when VOUT reaches 90% of the programmed
output voltage. The LT3481 is available in 10-Pin MSOP
and 3mm x 3mm DFN packages with exposed pads for
low thermal resistance.
Automotive Battery Regulation
Power for Portable Products
Distributed Supply Regulation
Industrial Supplies
Wall Transformer Regulation
Wide Input Range: 3.6V to 34V Operating,
36V Maximum
2A Maximum Output Current
Low Ripple Burst Mode® Operation
50μA IQ at 12VIN to 3.3VOUT
Output Ripple < 15mV
Adjustable Switching Frequency: 300kHz to 2.8MHz
Low Shutdown Current: IQ < 1μA
Integrated Boost Diode
Power Good Flag
Saturating Switch Design: 0.18
Ω On-Resistance
1.265V Feedback Reference Voltage
Output Voltage: 1.265V to 20V
Soft-Start Capability
Synchronizable Between 275kHz to 475kHz
Small 10-Pin Thermally Enhanced MSOP and
(3mm x 3mm) DFN Packages
3.3V Step-Down Converter
SW
BIAS
FB
VC
PG
RT
VIN
BD
VIN
4.5V TO
34V
VOUT
3.3V
2A
4.7μF
0.47μF
330pF
22μF
200k
16.2k
60.4k
4.7μH
324k
GND
OFF ON
LT3481
3481 TA01
RUN/SS
BOOST
Efficiency
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
LOAD CURRENT (A)
0.0001
40
30
0.001
0.01
0.1
1
10
3481 TA01b
60
50
90
80
70
0.1
0.01
10.0
1.0
10000.0
1000.0
100.0
VIN = 12V
VOUT = 3.3V
L = 4.7μ
F = 800 kHz
TYPICAL APPLICATION
DESCRIPTION
FEATURES
APPLICATIONS


Similar Part No. - LT3481EMSE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3481 LINER-LT3481_15 Datasheet
313Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50A Quiescent Current
More results

Similar Description - LT3481EMSE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3481 LINER-LT3481_15 Datasheet
313Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50A Quiescent Current
LT3684 LINER-LT3684 Datasheet
330Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT3684 LINER-LT3684_15 Datasheet
336Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT3480 LINER-LT3480 Datasheet
298Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
LT3480 LINER-LT3480_15 Datasheet
384Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70A Quiescent Current
LT3680 LINER-LT3680 Datasheet
307Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3681 LINER-LT3681_15 Datasheet
378Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
LT3681 LINER-LT3681 Datasheet
372Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
LTC3624 LINER-LTC3624 Datasheet
324Kb / 20P
   17V, 2A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LT8620 LINER-LT8620 Datasheet
590Kb / 26P
   65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com