Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3485-0 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3485-0
Description  Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3485-0 Datasheet(HTML) 1 Page - Linear Technology

  LT3485-0 Datasheet HTML 1Page - Linear Technology LT3485-0 Datasheet HTML 2Page - Linear Technology LT3485-0 Datasheet HTML 3Page - Linear Technology LT3485-0 Datasheet HTML 4Page - Linear Technology LT3485-0 Datasheet HTML 5Page - Linear Technology LT3485-0 Datasheet HTML 6Page - Linear Technology LT3485-0 Datasheet HTML 7Page - Linear Technology LT3485-0 Datasheet HTML 8Page - Linear Technology LT3485-0 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT3485-0/LT3485-1/
LT3485-2/LT3485-3
1
34850123fb
FEATURES
DESCRIPTIO
Photoflash Capacitor
Chargers with Output Voltage
Monitor and Integrated IGBT Drive
TYPICAL APPLICATIO
Integrated IGBT Driver
Voltage Output Monitor
Uses Small Transformers: 5.8mm
× 5.8mm × 3mm
Operates from Two AA Batteries, Single Cell Li-Ion
or Any Supply from 1.8V up to 10V
No Output Voltage Divider Needed
No External Schottky Diode Required
Charges Any Size Photoflash Capacitor
Available in 10-Lead (3mm
× 3mm) DFN
APPLICATIO S
Digital Camera and Cell Phone Flash Charger
The LT
®3485 family of photoflash chargers are highly inte-
grated ICs containing complete charger and IGBT drive
functions. The patented control technique of the LT3485-x
allows it to use extremely small transformers. Output voltage
detection requires no external circuitry. The turns ratio of the
transformer controls the final charge voltage. While charging,
the output voltage on the capacitor may be monitored by a
microcontrollerfromthemonitorpin.Eachdevicecontainsan
on-chip high voltage NPN power switch, which can withstand
negative voltages on the switch pin without an external
Schottky diode. The device features a VBAT pin, which allows
the use of two AA cells to charge the capacitor. The internal
circuitry operates from the VIN pin. The LT3485-0 has a
primarycurrentlimitof1.4A,whereastheLT3485-3,LT3485-2,
and LT3485-1 have current limits of 2A, 1A and 0.7A respec-
tively. These different current limits result in tightly controlled
input currents.
The CHARGE pin gives full control of the part to the user.
Driving CHARGE low puts the part in shutdown. The DONE pin
indicates when the part has completed charging. The LT3485
series of parts are housed in a leadless (3mm
× 3mm) DFN
package.
Fast Charge Time
VERSION
INPUT CURRENT (mA)
CHARGE TIME (sec)
LT3485-3
750
2.5
LT3485-0
500
3.7
LT3485-2
350
5.5
LT3485-1
225
4.0*
VIN = VBAT = 3.6V
100
µF capacitor, 320V. *50µF capacitor
LT3485-0
IGBTOUT
IGBTIN
VIN
IGBTPWR
GND
VMONT
VBAT
SW
4.7
µF
1:10.2
VBAT
2 AA OR
1 TO 2 Li-Ion
0.22
µF
VCC
5V
320V
TO
MICRO
1
T
C
A
2
3
1
2
4
5
3485 TA01
150
µF
PHOTOFLASH
CAPACITOR
2.2
µF
600V
1M
CHARGE
DONE
TRIGGER
FLASHLAMP
IGBT
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 6636021.
LT3485-0 Charging Waveform
LT3485-0 Photoflash Charger Uses High Efficiency 3mm Tall Transformers
DANGER HIGH VOLTAGE – OPERATION BY HIGH VOLTAGE TRAINED PERSONNEL ONLY
VIN = 3.6V
COUT = 100µF
VOUT
50V/DIV
AVERAGE
INPUT CURRENT
0.5A/DIV
1s/DIV
3485 TA02


Similar Part No. - LT3485-0

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3485-0 LINER-LT3485-0 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
logo
Analog Devices
LT3485-0 AD-LT3485-0 Datasheet
1Mb / 16P
   Capacitor Charger Controller
logo
Linear Technology
LT3485-0 LINER-LT3485-0_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
More results

Similar Description - LT3485-0

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3485-1 LINER-LT3485-1_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3485-0 LINER-LT3485-0_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3485-2 LINER-LT3485-2_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3485-3 LINER-LT3485-3_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3484-0 LINER-LT3484-0 Datasheet
450Kb / 12P
   Photoflash Capacitor Chargers
LT3484-1 LINER-LT3484-1_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-2 LINER-LT3484-2_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-0 LINER-LT3484-0_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3420-1 LINER-LT3420-1_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
LT3420 LINER-LT3420_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com