Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3483IDC-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT3483IDC-PBF
Description  Inverting Micropower DC/DC Converter with Schottky
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3483IDC-PBF Datasheet(HTML) 5 Page - Linear Technology

  LT3483IDC-PBF Datasheet HTML 1Page - Linear Technology LT3483IDC-PBF Datasheet HTML 2Page - Linear Technology LT3483IDC-PBF Datasheet HTML 3Page - Linear Technology LT3483IDC-PBF Datasheet HTML 4Page - Linear Technology LT3483IDC-PBF Datasheet HTML 5Page - Linear Technology LT3483IDC-PBF Datasheet HTML 6Page - Linear Technology LT3483IDC-PBF Datasheet HTML 7Page - Linear Technology LT3483IDC-PBF Datasheet HTML 8Page - Linear Technology LT3483IDC-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT3483
5
3483fb
PIN FUNCTIONS
FB (Pin 1/Pin 3): Feedback. Place resistor to negative
output here. Set resistor value R1 = VOUT/10μA.
GND (Pins 2, 3/Pin 2): Ground. For DFN package, tie both
pin 2 and pin 3 together to ground.
SW (Pin 4/Pin 1): Switch. Connect to external inductor
L1 and positive terminal of transfer capacitor.
VIN (Pin 5/Pin 6): Input Supply. Must be locally bypassed
with 1μF or greater.
NC (Pin 6/NA): No Connection.
D (Pin 7/Pin 5): Anode Terminal of Integrated Schottky
Diode. Connect to negative terminal of transfer capaci-
tor and external inductor L2 (flyback configuration) or
to cathode of external Schottky diode (inverting charge
pump configuration).
SHDN (Pin 8/Pin 4): Shutdown. Connect to GND to turn
device off. Connect to supply to turn device on.
Exposed Pad (Pin 9/NA): GND. The exposed pad should
be soldered to the PCB ground to achieve the rated thermal
performance.
(DFN/TSOT-23)
BLOCK DIAGRAM
+
+
6
3
1
2
5
A3
300ns
DELAY
1.250V
REFERENCE
S
Q1
20mV
SW
D
L1B
L1A
CFLY
COUT
VOUT
0.1Ω
0.1Ω
GND
3483 BD
+
25mV
D1
Q
RQ
A1
A2
125k
R1
R2
VOUT
D
D2
VIN
VIN
FB
OPTIONAL CHARGE PUMP CONFIGURATION.
L1B REPLACED WITH:
PIN NUMBERS CORRESPOND TO THE
6-PIN TSOT-23 PACKAGE
VOUT
••


Similar Part No. - LT3483IDC-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3483 LINER-LT3483 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
LT3483A LINER-LT3483A Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
LT3483A LINER-LT3483A_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
LT3483 LINER-LT3483_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
More results

Similar Description - LT3483IDC-PBF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1652 SEMTECH-SC1652 Datasheet
81Kb / 4P
   MICROPOWER INVERTING DC-DC CONVERTER
logo
Analog Microelectronics
AME5150 AME-AME5150 Datasheet
111Kb / 14P
   Micropower Inverting DC/DC Converter
logo
Analog Intergrations Co...
AIC1652 AIC-AIC1652 Datasheet
57Kb / 6P
   MICROPOWER INVERTING DC/DC CONVERTER
logo
Linear Technology
LT3483 LINER-LT3483_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
LT3483A LINER-LT3483A_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
logo
Analog Intergrations Co...
AIC1653 AIC-AIC1653 Datasheet
220Kb / 11P
   Micropower Inverting DC/DC Converter in SOT-23-5
logo
Analog Devices
ADP1173 AD-ADP1173_15 Datasheet
485Kb / 16P
   Micropower DC-DC Converter
REV. 0
ADP1173 AD-ADP1173 Datasheet
478Kb / 16P
   Micropower DC-DC Converter
REV. 0
logo
Microsemi Corporation
LX1734 MICROSEMI-LX1734 Datasheet
198Kb / 8P
   1.0MHz Inverting DC/DC Converter
logo
Texas Instruments
TPS6755 TI-TPS6755 Datasheet
244Kb / 16P
[Old version datasheet]   ADJUSTABLE INVERTING DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com