Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3481 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3481
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator with 50關A Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3481 Datasheet(HTML) 2 Page - Linear Technology

  LT3481 Datasheet HTML 1Page - Linear Technology LT3481 Datasheet HTML 2Page - Linear Technology LT3481 Datasheet HTML 3Page - Linear Technology LT3481 Datasheet HTML 4Page - Linear Technology LT3481 Datasheet HTML 5Page - Linear Technology LT3481 Datasheet HTML 6Page - Linear Technology LT3481 Datasheet HTML 7Page - Linear Technology LT3481 Datasheet HTML 8Page - Linear Technology LT3481 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3481
2
3481fb
VIN, RUN/SS Voltage.................................................36V
BOOST Pin Voltage ...................................................56V
BOOST Pin Above SW Pin.........................................30V
FB, RT, VC Voltage.......................................................5V
BIAS, PG, BD Voltage................................................30V
Maximum Junction Temperature........................... 125°C
LT3481E, LT3481I............................................. 125°C
LT3481H ........................................................... 150°C
(Note 1)
Operating Temperature Range (Note 2)
LT3481E............................................... –40°C to 85°C
LT3481I.............................................. –40°C to 125°C
LT3481H ............................................ –40°C to 150°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
(MSE Only) ....................................................... 300°C
ABSOLUTE MAXIMUM RATINGS
TOP VIEW
DD PACKAGE
10-LEAD (3mm
3mm) PLASTIC DFN
EXPOSED PAD (PIN 11) IS GND
MUST BE CONNECTED TO GND
10
9
6
7
8
4
5
3
11
2
1
RT
VC
FB
BIAS
PG
BD
BOOST
SW
VIN
RUN/SS
θJA = 43°C/W
1
2
3
4
5
BD
BOOST
SW
VIN
RUN/SS
10
9
8
7
6
RT
VC
FB
BIAS
PG
TOP VIEW
MSE PACKAGE
10-LEAD PLASTIC MSOP
EXPOSED PAD (PIN 11) IS GND
MUST BE CONNECTED TO GND
11
θJA = 40°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3481EDD#PBF
LT3481EDD#TRPBF
LBVS
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LT3481IDD#PBF
LT3481IDD#TRPBF
LBVV
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3481HDD#PBF
LT3481HDD#TRPBF
LDPT
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 150°C
LT3481EMSE#PBF
LT3481EMSE#TRPBF
LTBVT
10-Lead Plastic MSOP
–40°C to 85°C
LT3481IMSE#PBF
LT3481IMSE#TRPBF
LTBVW
10-Lead Plastic MSOP
–40°C to 125°C
LT3481HMSE#PBF
LT3481HMSE#TRPBF
LTDPV
10-Lead Plastic MSOP
–40°C to 150°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3481EDD
LT3481EDD#TR
LBVS
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LT3481IDD
LT3481IDD#TR
LBVV
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3481HDD
LT3481HDD#TR
LDPT
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 150°C
LT3481EMSE
LT3481EMSE#TR
LTBVT
10-Lead Plastic MSOP
–40°C to 85°C
LT3481IMSE
LT3481IMSE#TR
LTBVW
10-Lead Plastic MSOP
–40°C to 125°C
LT3481HMSE
LT3481HMSE#TR
LTDPV
10-Lead Plastic MSOP
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LT3481

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3481 LINER-LT3481_15 Datasheet
313Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50A Quiescent Current
More results

Similar Description - LT3481

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3481 LINER-LT3481_15 Datasheet
313Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50A Quiescent Current
LT3684 LINER-LT3684 Datasheet
330Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT3684 LINER-LT3684_15 Datasheet
336Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT3480 LINER-LT3480 Datasheet
298Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
LT3480 LINER-LT3480_15 Datasheet
384Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70A Quiescent Current
LT3680 LINER-LT3680 Datasheet
307Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3681 LINER-LT3681_15 Datasheet
378Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
LT3681 LINER-LT3681 Datasheet
372Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
LTC3624 LINER-LTC3624 Datasheet
324Kb / 20P
   17V, 2A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LT8620 LINER-LT8620 Datasheet
590Kb / 26P
   65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com