Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3479EFE Datasheet(PDF) 11 Page - Linear Technology

Part # LT3479EFE
Description  3A, Full Featured DC/DC Converter with Soft-Start and Inrush Current Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3479EFE Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3479EFE Datasheet HTML 7Page - Linear Technology LT3479EFE Datasheet HTML 8Page - Linear Technology LT3479EFE Datasheet HTML 9Page - Linear Technology LT3479EFE Datasheet HTML 10Page - Linear Technology LT3479EFE Datasheet HTML 11Page - Linear Technology LT3479EFE Datasheet HTML 12Page - Linear Technology LT3479EFE Datasheet HTML 13Page - Linear Technology LT3479EFE Datasheet HTML 14Page - Linear Technology LT3479EFE Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3479
11
3479fb
Increasing switching frequency reduces output voltage
ripple but also reduces efficiency. The user should set
the frequency for the maximum tolerable output voltage
ripple. Figure 8 shows a reduction in efficiency of about
4% between 1MHz and 2MHz operation in a typical
application.
Inrush Current Protection
The LT3479 features a novel inductor current sensing
circuit that protects the LT3479 during hot plugging and
short circuits. An internal resistor in series with the ex-
ternal inductor senses the inductor current at all times.
When it exceeds 5A, a soft-start cycle is initiated. Figure 9
APPLICATIONS INFORMATION
shows an output overload with inrush current protection
disabled. Notice that soft-start remains high, and that
the inductor current does not return to zero. Figure 10
illustrates the benefits of inrush current protection. The
output short initiates a new soft start cycle reducing the
inductor current. After the fault has passed, the inductor
current slowly returns to its equilibrium value. To ensure
bond wire integrity, the inductor current should not exceed
8A for more than 10ms.
Bypassing the 8.5mΩ inductor current sense resistor
disables inrush current protection. Connect the inductor
supply trace and bypass capacitor to the L pin and leave
the VS pin open to disable this feature.
Figure 7. Switching Frequency
RT (kΩ)
0
1.5
1.0
0.5
3.5
3.0
2.5
2.0
3479 F07
0.1
100
10
Figure 8. Efficiency vs Switching Frequency
IOUT (A)
0
70
80
1MHz
0.8
3479 F08
60
50
0.2
0.4
0.6
90
65
75
55
85
2MHz
20μs/DIV
VSW
10V/DIV
IL
4V/DIV
VSS
2V/DIV
VOUT
20V/DIV
3479 F09
Figure 9. Output Overload with
Inrush Current Protection Enabled
20μs/DIV
VSW
10V/DIV
IL
4V/DIV
VSS
2V/DIV
VOUT
20V/DIV
3479 F10
Figure 10. Output Overload with
Inrush Current Protection Disabled
Figure 11. Circuit for Output Overload
LT3479
BOOST
REGULATOR
VIN
0.5Ω
3479 F11
VOUT


Similar Part No. - LT3479EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3479 LINER-LT3479 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3479 LINER-LT3479 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT3479 LINER-LT3479 Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
logo
Linear Dimensions Semic...
LT3479 LINEAR_DIMENSIONS-LT3479 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Technology
LT3479 LINER-LT3479 Datasheet
255Kb / 20P
   3A, Full Featured DC/DC Converter with Soft-Start and Inrush Current Protection
More results

Similar Description - LT3479EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3479 LINER-LT3479_15 Datasheet
255Kb / 20P
   3A, Full Featured DC/DC Converter with Soft-Start and Inrush Current Protection
logo
Unisonic Technologies
UC3552 UTC-UC3552_16 Datasheet
190Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
UC3552 UTC-UC3552 Datasheet
209Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Advanced Analog Technol...
AAT1102 AAT-AAT1102_5 Datasheet
620Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Linear Technology
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
logo
Advanced Analog Technol...
AAT1102 AAT-AAT1102 Datasheet
609Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Linear Technology
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT1946 LINER-LT1946 Datasheet
266Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com