Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3479EDE Datasheet(PDF) 9 Page - Linear Technology

Part # LT3479EDE
Description  3A, Full Featured DC/DC Converter with Soft-Start and Inrush Current Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3479EDE Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3479EDE Datasheet HTML 5Page - Linear Technology LT3479EDE Datasheet HTML 6Page - Linear Technology LT3479EDE Datasheet HTML 7Page - Linear Technology LT3479EDE Datasheet HTML 8Page - Linear Technology LT3479EDE Datasheet HTML 9Page - Linear Technology LT3479EDE Datasheet HTML 10Page - Linear Technology LT3479EDE Datasheet HTML 11Page - Linear Technology LT3479EDE Datasheet HTML 12Page - Linear Technology LT3479EDE Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT3479
9
3479fb
Setting Negative Output Voltages
To set a negative output voltage, select the values of R3 and
R4 (see Figure 3) according to the following equation:
VV
R
R
OUT
=
⎝⎜
⎠⎟
–.
1 235
3
4
Figure 2. Positive Output Voltage Feedback Connections
R2
R1
3479 F02
FBN
VREF
VOUT
LT3479
FBP
Figure 3. Negative Output Voltage Feedback Connections
R4
R3
3479 F03
FBP
VREF
–VOUT
LT3479
FBN
APPLICATIONS INFORMATION
Diode Selection
Schottky diodes, with their low forward voltage drop and
fast switching speed, are ideal for LT3479 applications.
Table 3 lists several Schottky diodes that work well with the
LT3479. The diode’s average current rating must exceed
the average output current. The diode’s maximum reverse
voltage must exceed the output voltage. The diode conducts
current only when the power switch is turned off (typically
less than 50% duty cycle), so a 3A diode is sufficient for
most designs. The companies below also offer Schottky
diodes with high voltage and current ratings.
Table 3. Suggested Diodes
MANUFACTURER
PART NUMBER
MAX
CURRENT (A)
MAX REVERSE
VOLTAGE (V)
MANUFACTURER
UPS340
UPS315
3
3
40
15
Microsemi
www.microsemi.com
B220
B230
B240
B320
B330
B340
SBM340
2
2
2
3
3
3
3
20
30
40
20
30
40
40
Diodes, Inc
www.diodes.com
Setting Positive Output Voltages
To set a positive output voltage, select the values of R1 and
R2 (see Figure 2) according to the following equation:
VV
R
R
OUT
=+
⎝⎜
⎠⎟
1 235
1
1
2
.
Board Layout
As with all switching regulators, careful attention must
be paid to the PCB board layout and component place-
ment. To maximize efficiency, switch rise and fall times
are made as short as possible. To prevent radiation and
high frequency resonance problems, proper layout of the
high frequency switching path is essential. Minimize the
length and area of all traces connected to the SW pin and
always use a ground plane under the switching regulator
to minimize interplane coupling. The signal path including
the switch, output diode D1 and output capacitor COUT,
contains nanosecond rise and fall times and should be
kept as short as possible. Recommended component
placement is shown in Figure 4.
Soft-Start
For many applications, it is necessary to minimize the
inrush current at start-up. The built-in soft-start circuit
significantly reduces the start-up current spike and output
voltage overshoot. A typical value is 10nF for 1.65ms.
Figure 5 shows the start-up output voltage and induc-
tor current waveforms in a typical application without a
soft-start capacitor. Notice the output voltage overshoot
and the large initial current. The addition of a 22nF capaci-
tor eliminates the output overshoot and reduces the peak
inductor current (Figure 6).


Similar Part No. - LT3479EDE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3479 LINER-LT3479 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3479 LINER-LT3479 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT3479 LINER-LT3479 Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
logo
Linear Dimensions Semic...
LT3479 LINEAR_DIMENSIONS-LT3479 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Technology
LT3479 LINER-LT3479 Datasheet
255Kb / 20P
   3A, Full Featured DC/DC Converter with Soft-Start and Inrush Current Protection
More results

Similar Description - LT3479EDE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3479 LINER-LT3479_15 Datasheet
255Kb / 20P
   3A, Full Featured DC/DC Converter with Soft-Start and Inrush Current Protection
logo
Unisonic Technologies
UC3552 UTC-UC3552_16 Datasheet
190Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
UC3552 UTC-UC3552 Datasheet
209Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Advanced Analog Technol...
AAT1102 AAT-AAT1102_5 Datasheet
620Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Linear Technology
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
logo
Advanced Analog Technol...
AAT1102 AAT-AAT1102 Datasheet
609Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Linear Technology
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT1946 LINER-LT1946 Datasheet
266Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com