Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3479 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3479
Description  3A, Full Featured DC/DC Converter with Soft-Start and Inrush Current Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3479 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3479 Datasheet HTML 4Page - Linear Technology LT3479 Datasheet HTML 5Page - Linear Technology LT3479 Datasheet HTML 6Page - Linear Technology LT3479 Datasheet HTML 7Page - Linear Technology LT3479 Datasheet HTML 8Page - Linear Technology LT3479 Datasheet HTML 9Page - Linear Technology LT3479 Datasheet HTML 10Page - Linear Technology LT3479 Datasheet HTML 11Page - Linear Technology LT3479 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT3479
8
3479fb
Capacitor Selection
Low ESR (equivalent series resistance) ceramic capaci-
tors should be used at the output to minimize the output
ripple voltage. Use only X5R or X7R dielectrics, as these
materials retain their capacitance over wider voltage and
temperature ranges better than other dielectrics. A 4.7μF
to 10μF output capacitor is sufficient for most high output
current designs. Converters with lower output currents
may need only a 1μF or 2.2μF output capacitor.
Table 1. Ceramic Capacitor Manufacturers
MANUFACTURER
PHONE
WEB
Taiyo Yuden
(408) 573-4150
www.t-yuden.com
AVX
(803) 448-9411
www.avxcorp.com
Murata
(714) 852-2001
www.murata.com
Inductor Selection
Several inductors that work well with the LT3479 are listed
in Table 2. However, there are many other manufacturers
and devices that can be used. Consult each manufacturer
for more detailed information and their entire range of
parts. Ferrite core inductors should be used to obtain the
best efficiency. Choose an inductor that can handle the
necessary peak current without saturating, and ensure
that the inductor has a low DCR (copper-wire resistance)
to minimize I2R power losses. A 4.7μH or 10μH inductor
will suffice for most LT3479 applications.
Inductor manufacturers specify the maximum current
rating as the current where the inductance falls to some
percentage of its nominal value—typically 65%. An inductor
APPLICATIONS INFORMATION
Table 2. Suggested Inductors
MANUFACTURER
PART NUMBER
IDC
(A)
INDUCTANCE
(μH)
MAX DCR
(mΩ)
L
× W × H
(mm)
MANUFACTURER
CDRH6D283R0
CDRH6D28100
CDRH4D284R7
3
1.7
1.32
3
10
4.7
24
65
72
6.7
× 6.7 × 3.0
6.7
× 6.7 × 3.0
5.0
× 5.0 × 3.0
Sumida
www.sumida.com
LM N 05D B4R7M
LM N 05D B100K
2.2
1.6
4.7
10
49
10
5.9
× 6.1 × 2.8
5.9
× 6.1 × 2.8
Taiyo Yuden
www.t-yuden.com
LQH55DN4R7M01L
LQH55DN100M01K
2.7
1.7
4.7
10
57
130
5.7
× 5.0 × 4.7
5.7
× 5.0 × 4.7
Murata
www.murata.com
FDV0630-4R7M
4.2
4.7
49
7.0
× 7.7 × 3.0 Toko
www.toko.com
Figure 1. Efficiency vs Inductor Size
IOUT (A)
0
70
80
0.8
3479 F01
60
50
0.2
0.4
0.6
90
65
75
55
85
SUMIDA CDRH4D28-4R7
TOKO FDV0630-4R7
can pass a current larger than its rated value without
damaging it. Aggressive designs where board space is
precious will exceed the maximum current rating of the
inductor to save board space. Consult each manufacturer
to determine how the maximum inductor current is
measured and how much more current the inductor can
reliably conduct.
Physically larger inductors provide better efficiency than
smaller ones. Figure 1 shows a 3% to 4% efficiency gain
in using a larger inductor in a 1MHz, 5V to 12V application.
The efficiency of the TOKO FDV0630-4R7M, which mea-
sures 7mm
× 7.7mm and 3 mm thick, peaks at 87%. The
smaller Sumida CDRH4D28-4R7 which is 5mm
×5mmand
3mm thick yields a peak efficiency of 85% in an identical
application. Thus, if board space is abundant, then larger
inductors should be used to maximize efficiency.


Similar Part No. - LT3479

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3479 LINER-LT3479 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3479 LINER-LT3479 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT3479 LINER-LT3479 Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
logo
Linear Dimensions Semic...
LT3479 LINEAR_DIMENSIONS-LT3479 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Technology
LT3479 LINER-LT3479 Datasheet
255Kb / 20P
   3A, Full Featured DC/DC Converter with Soft-Start and Inrush Current Protection
More results

Similar Description - LT3479

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3479 LINER-LT3479_15 Datasheet
255Kb / 20P
   3A, Full Featured DC/DC Converter with Soft-Start and Inrush Current Protection
logo
Unisonic Technologies
UC3552 UTC-UC3552_16 Datasheet
190Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
UC3552 UTC-UC3552 Datasheet
209Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Advanced Analog Technol...
AAT1102 AAT-AAT1102_5 Datasheet
620Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Linear Technology
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
logo
Advanced Analog Technol...
AAT1102 AAT-AAT1102 Datasheet
609Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Linear Technology
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT1946 LINER-LT1946 Datasheet
266Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com