Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP602 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # MP602
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

MP602 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  MP602 Datasheet HTML 1Page - HY ELECTRONIC CORP. MP602 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Surge overload rating -175 amperes peak
Low forward voltage drop
Small size; simple installation
Sliver plated copper leads
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SYMBOL MP6005
MP601
MP602
MP604
MP606
MP608
MP610
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum Average Forward
Rectified Output Current at
TA=50℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
Maximum Forward Voltage Drop
Per Bridge Element at 3.0A Peak
Maximum Reverse Current at Rated TJ=25℃
μA
DC Blocking Voltage Per Element
TJ=100℃
mA
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
~ 318 ~
MP6005 thru MP610
A
IR
10.0
1.0
-55 to +125
VF
A
V
1.0
-55 to +150
IFSM
I(AV)
175
6.0
Polarity shown on side of case, Positive lead by beveled corner.
SILICON BRIDGE RECTIFIERS
REVERSE VOLTAGE
- 50 to 1000Volts
FORWARD CURRENT
- 6.0 Amperes
Dimensions in inches and (milimeters)
For capacitive load, derate current by 20%
Single phase, half wave ,60Hz, resistive or inductive load.
Rating at 25℃ ambient temperature unless otherwise specified.
.287(7.3)
.248(6.3)
DIA.
.750
(19.0)
MIN
.038(0.97)
.042(1.07)
.405(10.3)
.445(11.3)
.445(11.3)
.405(10.3)
.626(15.9)
.587(14.9)
.626(15.9)
.587(14.9)
HOLE FOR
NO.6 SCREW
METAL HEAT SINK
MP6


Similar Part No. - MP602

ManufacturerPart #DatasheetDescription
logo
Dc Components
MP602 DCCOM-MP602 Datasheet
285Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
logo
GOOD-ARK Electronics
MP602 GOOD-ARK-MP602 Datasheet
95Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
MP602 CHENG-YI-MP602 Datasheet
120Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Formosa MS
MP602 FORMOSA-MP602 Datasheet
112Kb / 6P
   Bridge Rectifier
logo
HY ELECTRONIC CORP.
MP602 HY-MP602 Datasheet
404Kb / 3P
   Silicon Bridge Rectifiers
More results

Similar Description - MP602

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com