Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K814P Datasheet(PDF) 6 Page - Vishay Siliconix

Part # K814P
Description  Optocoupler with Phototransistor Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K814P Datasheet(HTML) 6 Page - Vishay Siliconix

  K814P Datasheet HTML 1Page - Vishay Siliconix K814P Datasheet HTML 2Page - Vishay Siliconix K814P Datasheet HTML 3Page - Vishay Siliconix K814P Datasheet HTML 4Page - Vishay Siliconix K814P Datasheet HTML 5Page - Vishay Siliconix K814P Datasheet HTML 6Page - Vishay Siliconix K814P Datasheet HTML 7Page - Vishay Siliconix K814P Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83523
6
Rev. 2.0, 09-Jan-08
K814P/K824P/K844P
Vishay Semiconductors
Optocoupler, Phototransistor
Output, AC Input
14783
< 20
19.7 ± 0.2
0.53 ± 0.05
1.32 ± 0.05
2.54 nom.
0.25 ± 0.05
7.62 nom.
7 x 2.54 = 17.78
technical drawings
according to DIN
specifications
9 ± 0.8
6.3 ± 0.1
Weight: ca. 1.08 g
Creepage distance: > 6 mm
Air path: > 6 mm
after mounting on PC board
1
2
3
4
5
6
7
8
16 15 14 13 12 11 10 9
14784
technical drawings
according to DIN
specifications
Weight: ca. 0.55 g
Creepage distance: > 6 mm
Air path: > 6 mm
after mounting on PC board
2.54 nom.
7.62 nom.
< 9.8
9 ± 0.8
0.53 ± 0.05
1.32 ± 0.05
3 x 2.54 = 7.62
9.5 ± 0.2
6.3 ± 0.1
1
2
3
4
8
7
6
5
0.25 ± 0.05


Similar Part No. - K814P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K814P VISHAY-K814P Datasheet
262Kb / 9P
   Optocoupler, Phototransistor Output, AC input
Rev. 1.8, 26-Oct-04
K814P VISHAY-K814P Datasheet
182Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
Rev. 2.0, 09-Jan-08
K814P VISHAY-K814P Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
K814P VISHAY-K814P Datasheet
184Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2022
K814P VISHAY-K814P Datasheet
184Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
More results

Similar Description - K814P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com