Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3478IFE-1 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3478IFE-1
Description  4.5A Monolithic LED Drivers with True Color PWM Dimming
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3478IFE-1 Datasheet(HTML) 3 Page - Linear Technology

  LT3478IFE-1 Datasheet HTML 1Page - Linear Technology LT3478IFE-1 Datasheet HTML 2Page - Linear Technology LT3478IFE-1 Datasheet HTML 3Page - Linear Technology LT3478IFE-1 Datasheet HTML 4Page - Linear Technology LT3478IFE-1 Datasheet HTML 5Page - Linear Technology LT3478IFE-1 Datasheet HTML 6Page - Linear Technology LT3478IFE-1 Datasheet HTML 7Page - Linear Technology LT3478IFE-1 Datasheet HTML 8Page - Linear Technology LT3478IFE-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT3478/LT3478-1
3
34781f
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. SW = open, VIN = VS = L = VOUT = ⎯S⎯H⎯D⎯N = 2.7V, LED = open, SS = open,
PWM = CTRL1, CTRL2 = 1.25V, VREF = open, VC = open, RT = 31.6k.
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Frequency: fOSC 2.25MHz
RT = 9.09k
2
2.25
2.6
MHz
Line Regulation fOSC
RT = 31.6k, 2.7V < VIN < 36V
0.05
0.2
%/V
Nominal RT Pin Voltage
0.64
V
Maximum Duty Cycle
RT = 31.6k
RT = 200k
RT = 9.09k
80
88
97
73
%
%
%
LED Current to VC Current Gain
(Note 6)
770
µA/A
LED Current to VC Voltage Gain
(Note 6)
400
V/A
VC to Switch Current Gain
13
A/V
VC Source Current (Out of Pin)
CTRL1 = 0.4V, VC = 1V
40
µA
VC Sink Current
CTRL1 = 0V, VC = 1V
40
µA
VC Switching Threshold
0.65
V
VC High Level (VOH)
CTRL1 = 0.4V
1.5
V
VC Low Level (VOL)
CTRL1 = 0V
0.2
V
Inductor Current Limit
2.7V < VS < 36V
4.5
6
6.8
A
Switch Current Limit
4.5
6.3
7.5
A
Switch VCE SAT
ISW = 4.5A
270
mV
Switch Leakage Current
SW = 42V, VC = 0V
1
µA
VOUT Overvoltage Protection (OVP)
(Rising)
OVPSET = 1V
OVPSET = 0.3V
41
12.3
V
V
Full Scale LED Current (LT3478-1)
CTRL1 = VREF, Current Out of LED Pin
1010
1050
1090
mA
700mA LED Current (LT3478-1)
CTRL1 = 700mV, Current Out of LED Pin
655
700
730
mA
350mA LED Current (LT3478-1)
CTRL1 = 350mV, Current Out of LED Pin
325
350
375
mA
100mA LED Current (LT3478-1)
CTRL1 = 100mV, Current Out of LED Pin
70
100
130
mA
Full Scale LED Current VSENSE (LT3478) CTRL1 = VREF, VSENSE = VVOUT – VLED
101
105
109
mV
CTRL1 = 700mV, VSENSE (LT3478)
CTRL1 = 700mV, VSENSE = VVOUT – VLED
67
70.5
74
mV
CTRL1 = 350mV, VSENSE (LT3478)
CTRL1 = 350mV, VSENSE = VVOUT – VLED
33
35.5
38
mV
CTRL1 = 100mV, VSENSE (LT3478)
CTRL1 = 100mV, VSENSE = VVOUT – VLED
710
13
mV
CTRL1, 2 Input Currents
CTRL1 = 100mV, CTRL2 = 1.25V or
CTRL2 = 100mV, CTRL1 = 1.25V (Current Out of Pin)
40
nA
OVPSET Input Current
OVPSET = 1V, VOUT = 41V (Current Out of Pin)
200
nA
PWM Switching Threshold
0.8
1
1.2
V
VC Pin Current in PWM Mode
VC = 1V, PWM = 0
1
50
nA
OUT Pin Current in PWM Mode
PWM = 0
1
100
nA
SS Low Level (VOL)I(SS) = 20µA
0.15
V
SS Reset Threshold
VC = 0V
0.25
V
SS High Level (VOH)VC = 0V
1.5
V
Soft-Start (SS) Pin Charge Current
SS = 1V, Current Out of Pin, VC = 0V
12
µA
Soft-Start (SS) Pin Discharge Current
SS = 0.5V, VC = 0V
350
µA


Similar Part No. - LT3478IFE-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3478 LINER-LT3478 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3478 LINER-LT3478 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
logo
Linear Dimensions Semic...
LT3478 LINEAR_DIMENSIONS-LT3478 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Analog Devices
LT3478 AD-LT3478 Datasheet
504Kb / 28P
   40VIN, 75VOUT LED Controllers
LT3478 AD-LT3478 Datasheet
399Kb / 26P
   100VIN, 100VOUT LED Controller
More results

Similar Description - LT3478IFE-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3478-1 LINER-LT3478-1_15 Datasheet
293Kb / 24P
   4.5A Monolithic LED Drivers with True Color PWM Dimming
LT3478 LINER-LT3478_15 Datasheet
293Kb / 24P
   4.5A Monolithic LED Drivers with True Color PWM Dimming
LT3474EFE LINER-LT3474EFE Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
logo
Monolithic Power System...
MP3310 MPS-MP3310 Datasheet
359Kb / 10P
   50V, 1.3A, Step-up White LED Driver with True PWM Dimming
MP3310N MPS-MP3310N Datasheet
349Kb / 10P
   50V, 1.3A, Step-up White LED Driver with True PWM Dimming
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
logo
Monolithic Power System...
MP3304 MPS-MP3304 Datasheet
337Kb / 12P
   36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Maxim Integrated Produc...
MAX16815 MAXIM-MAX16815 Datasheet
198Kb / 11P
   High-Voltage, 100mA/200mA Adjustable Linear High-Brightness LED Drivers with PWM Dimming
Rev 1; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com