Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA750-CGGES Datasheet(PDF) 8 Page - Actel Corporation

Part # APA750-CGGES
Description  ProASIC Flash Family FPGAs
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA750-CGGES Datasheet(HTML) 8 Page - Actel Corporation

Back Button APA750-CGGES Datasheet HTML 4Page - Actel Corporation APA750-CGGES Datasheet HTML 5Page - Actel Corporation APA750-CGGES Datasheet HTML 6Page - Actel Corporation APA750-CGGES Datasheet HTML 7Page - Actel Corporation APA750-CGGES Datasheet HTML 8Page - Actel Corporation APA750-CGGES Datasheet HTML 9Page - Actel Corporation APA750-CGGES Datasheet HTML 10Page - Actel Corporation APA750-CGGES Datasheet HTML 11Page - Actel Corporation APA750-CGGES Datasheet HTML 12Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 174 page
background image
ProASICPLUS Flash Family FPGAs
1- 2
v5.7
ProASICPLUS Architecture
The
proprietary
ProASICPLUS
architecture
provides
granularity comparable to gate arrays.
The ProASICPLUS device core consists of a Sea-of-Tiles
(Figure 1-1). Each tile can be configured as a three-input
logic function (e.g., NAND gate, D-Flip-Flop, etc.) by
programming
the
appropriate
Flash
switch
interconnections (Figure 1-2 and Figure 1-3 on page 1-3).
Tiles and larger functions are connected with any of the
four levels of routing hierarchy. Flash switches are
distributed
throughout
the
device
to
provide
nonvolatile, reconfigurable interconnect programming.
Flash switches are programmed to connect signal lines to
the appropriate logic cell inputs and outputs. Dedicated
high-performance lines are connected as needed for fast,
low-skew global signal distribution throughout the core.
Maximum core utilization is possible for virtually any
design.
ProASICPLUS devices also contain embedded, two-port
SRAM blocks with built-in FIFO/RAM control logic.
Programming
options
include
synchronous
or
asynchronous operation, two-port RAM configurations,
user defined depth and width, and parity generation or
checking.
Please
see
the
"Embedded
Memory
Configurations"
section
on
page 1-22
for
more
information.
Figure 1-1 • The ProASICPLUS Device Architecture
Figure 1-2 • Flash Switch
256x9 Two-Port SRAM
or FIFO Block
Logic Tile
256x9 Two Port SRAM
or FIFO Block
RAM Block
RAM Block
I/Os
Sensing
Switching
Switch In
Switch Out
Word
Floating Gate


Similar Part No. - APA750-CGGES

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA750-FG896A ACTEL-APA750-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
APA750-PQ896A ACTEL-APA750-PQ896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
APA750-TQ896A ACTEL-APA750-TQ896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
More results

Similar Description - APA750-CGGES

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA300-PQ208A ACTEL-APA300-PQ208A Datasheet
352Kb / 10P
   ProASIC Flash Family FPGAs
APA075-PQG208 ACTEL-APA075-PQG208 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
logo
Microsemi Corporation
APA300-PQG208M MICROSEMI-APA300-PQG208M Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
APA600-PQ208I MICROSEMI-APA600-PQ208I Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA150-FG144I ACTEL-APA150-FG144I Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
A3PE3000-1FGG896I ACTEL-A3PE3000-1FGG896I Datasheet
4Mb / 152P
   ProASIC3E Flash Family FPGAs
APA1000-BG456I ACTEL-APA1000-BG456I Datasheet
352Kb / 10P
   ProASICPLUS Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com