Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1AGL600V2-CSG144PP Datasheet(PDF) 6 Page - Actel Corporation

Part # M1AGL600V2-CSG144PP
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

M1AGL600V2-CSG144PP Datasheet(HTML) 6 Page - Actel Corporation

Back Button M1AGL600V2-CSG144PP Datasheet HTML 2Page - Actel Corporation M1AGL600V2-CSG144PP Datasheet HTML 3Page - Actel Corporation M1AGL600V2-CSG144PP Datasheet HTML 4Page - Actel Corporation M1AGL600V2-CSG144PP Datasheet HTML 5Page - Actel Corporation M1AGL600V2-CSG144PP Datasheet HTML 6Page - Actel Corporation M1AGL600V2-CSG144PP Datasheet HTML 7Page - Actel Corporation M1AGL600V2-CSG144PP Datasheet HTML 8Page - Actel Corporation M1AGL600V2-CSG144PP Datasheet HTML 9Page - Actel Corporation M1AGL600V2-CSG144PP Datasheet HTML 10Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 212 page
background image
IGLOO Device Family Overview
1- 2
v1.3
Flash Advantages
Low Power
Flash-based IGLOO devices exhibit power characteristics similar to those of an ASIC, making them
an ideal choice for power-sensitive applications. IGLOO devices have only a very limited power-on
current surge and no high-current transition period, both of which occur on many FPGAs.
IGLOO devices also have low dynamic power consumption to further maximize power savings;
power is even further reduced by the use of a 1.2 V core voltage.
Low dynamic power consumption, combined with low static power consumption and Flash*Freeze
technology, gives the IGLOO device the lowest total system power offered by any FPGA.
Security
The nonvolatile, flash-based IGLOO devices do not require a boot PROM, so there is no vulnerable
external bitstream that can be easily copied. IGLOO devices incorporate FlashLock, which provides a
unique combination of reprogrammability and design security without external overhead,
advantages that only an FPGA with nonvolatile flash programming can offer.
IGLOO devices utilize a 128-bit flash-based lock and a separate AES key to secure programmed
intellectual property and configuration data. In addition, all FlashROM data in IGLOO devices can
be encrypted prior to loading, using the industry-leading AES-128 (FIPS192) bit block cipher
encryption standard. AES was adopted by the National Institute of Standards and Technology
(NIST) in 2000 and replaces the 1977 DES standard. IGLOO devices have a built-in AES decryption
engine and a flash-based AES key that make them the most comprehensive programmable logic
device security solution available today. IGLOO devices with AES-based security allow for secure,
remote field updates over public networks such as the Internet, and ensure that valuable IP
remains out of the hands of system overbuilders, system cloners, and IP thieves. The contents of a
programmed IGLOO device cannot be read back, although secure design verification is possible.
Security, built into the FPGA fabric, is an inherent component of the IGLOO family. The flash cells
are located beneath seven metal layers, and many device design and layout techniques have been
used to make invasive attacks extremely difficult. The IGLOO family, with FlashLock and AES
security, is unique in being highly resistant to both invasive and noninvasive attacks. Your valuable
IP is protected and secure, making remote ISP possible. An IGLOO device provides the most
impenetrable security for programmable logic designs.
Single Chip
Flash-based FPGAs store their configuration information in on-chip flash cells. Once programmed,
the configuration data is an inherent part of the FPGA structure, and no external configuration
data needs to be loaded at system power-up (unlike SRAM-based FPGAs). Therefore, flash-based
IGLOO FPGAs do not require system configuration components such as EEPROMs or
microcontrollers to load device configuration data. This reduces bill-of-materials costs and PCB
area, and increases security and system reliability.
Live at Power-Up
The Actel flash-based IGLOO devices support Level 0 of the LAPU classification standard. This
feature helps in system component initialization, execution of critical tasks before the processor
wakes up, setup and configuration of memory blocks, clock generation, and bus activity
management. The LAPU feature of flash-based IGLOO devices greatly simplifies total system design
and reduces total system cost, often eliminating the need for CPLDs and clock generation PLLs. In
addition, glitches and brownouts in system power will not corrupt the IGLOO device's flash
configuration, and unlike SRAM-based FPGAs, the device will not have to be reloaded when system
power is restored. This enables the reduction or complete removal of the configuration PROM,
expensive voltage monitor, brownout detection, and clock generator devices from the PCB design.
Flash-based IGLOO devices simplify total system design and reduce cost and design risk while
increasing system reliability and improving system initialization time.
IGLOO flash FPGAs allow the user to quickly enter and exit Flash*Freeze mode. This is done almost
instantly (within 1 µs) and the device retains configuration and data in registers and RAM. Unlike
SRAM-based FPGAs the device does not need to reload configuration and design state from


Similar Part No. - M1AGL600V2-CSG144PP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
M1AGL600 MICROSEMI-M1AGL600 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
More results

Similar Description - M1AGL600V2-CSG144PP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL250V5-CSG196I MICROSEMI-AGL250V5-CSG196I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL1000V2-FGG484I MICROSEMI-AGL1000V2-FGG484I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGLN060V5-CSG81 MICROSEMI-AGLN060V5-CSG81 Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLP030 ACTEL-AGLP030_V01 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
logo
Microsemi Corporation
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLE3000V2-FGG896I ACTEL-AGLE3000V2-FGG896I Datasheet
4Mb / 156P
   IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
A3P250L-VQ100I MICROSEMI-A3P250L-VQ100I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000L-FGG256 MICROSEMI-A3P1000L-FGG256 Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com