Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1AGL600V2-FCSG144PP Datasheet(PDF) 4 Page - Actel Corporation

Part # M1AGL600V2-FCSG144PP
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

M1AGL600V2-FCSG144PP Datasheet(HTML) 4 Page - Actel Corporation

  M1AGL600V2-FCSG144PP Datasheet HTML 1Page - Actel Corporation M1AGL600V2-FCSG144PP Datasheet HTML 2Page - Actel Corporation M1AGL600V2-FCSG144PP Datasheet HTML 3Page - Actel Corporation M1AGL600V2-FCSG144PP Datasheet HTML 4Page - Actel Corporation M1AGL600V2-FCSG144PP Datasheet HTML 5Page - Actel Corporation M1AGL600V2-FCSG144PP Datasheet HTML 6Page - Actel Corporation M1AGL600V2-FCSG144PP Datasheet HTML 7Page - Actel Corporation M1AGL600V2-FCSG144PP Datasheet HTML 8Page - Actel Corporation M1AGL600V2-FCSG144PP Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 212 page
background image
IGLOO Low-Power Flash FPGAs
IV
v1.3
Temperature Grade Offerings
Speed Grade and Temperature Grade Matrix
References made to IGLOO devices also apply to ARM-enabled IGLOOe devices. The ARM-enabled part numbers start with
M1 (Cortex-M1).
Contact your local Actel representative for device availability:
http://www.actel.com/contact/default.aspx.
AGL015 and AGL030
The AGL015 and AGL030 are architecturally compatible; there are no RAM or PLL features.
Package
AGL015
AGL030
AGL060
AGL125
AGL250
AGL400
AGL600
AGL1000
M1AGL250 4
M1AGL400
M1AGL600 M1AGL1000
QN48
–C, I–
QN68
C, I
UC81
–C, I–
CS81
–C, I–
CS121
––
C, I
VQ100
C, I
C, I
C, I
C, I
QN132
–C, I
C, I 3
C, I
C, I 3
––
CS196
–––
C, I
C, I
C, I
FG144
––
C, I 3
C, I
C, I
C, I
C, I
C, I
FG256
–––
C, I
C, I
C, I
CS281
–––
C, I
C, I
FG484
–––
C, I
C, I
C, I
Notes:
1. C = Commercial temperature range: 0°C to 70°C ambient temperature.
2. I = Industrial temperature range: –40°C to 85°C ambient temperature.
3. Device/package support TBD.
4. The M1AGL250 device does not support FG256 or QN132 packages.
Temperature Grade
–F 1
Std.
C 2
✓✓
I 3
Notes:
1. The characteristics provided for the –F speed grade are subject to change after establishing FPGA specifications. Some
restrictions might be added and will be reflected in future revisions of this document. The –F speed grade is only supported in
the commercial temperature range.
2. C = Commercial temperature range: 0°C to 70°C ambient temperature.
3. I = Industrial temperature range: –40°C to 85°C ambient temperature.


Similar Part No. - M1AGL600V2-FCSG144PP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
M1AGL600 MICROSEMI-M1AGL600 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
More results

Similar Description - M1AGL600V2-FCSG144PP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL250V5-CSG196I MICROSEMI-AGL250V5-CSG196I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL1000V2-FGG484I MICROSEMI-AGL1000V2-FGG484I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGLN060V5-CSG81 MICROSEMI-AGLN060V5-CSG81 Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLP030 ACTEL-AGLP030_V01 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
logo
Microsemi Corporation
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLE3000V2-FGG896I ACTEL-AGLE3000V2-FGG896I Datasheet
4Mb / 156P
   IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
A3P250L-VQ100I MICROSEMI-A3P250L-VQ100I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000L-FGG256 MICROSEMI-A3P1000L-FGG256 Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com