Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CQY80NG Datasheet(PDF) 6 Page - Vishay Siliconix

Part # CQY80NG
Description  Optocoupler with Phototransistor Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CQY80NG Datasheet(HTML) 6 Page - Vishay Siliconix

  CQY80NG Datasheet HTML 1Page - Vishay Siliconix CQY80NG Datasheet HTML 2Page - Vishay Siliconix CQY80NG Datasheet HTML 3Page - Vishay Siliconix CQY80NG Datasheet HTML 4Page - Vishay Siliconix CQY80NG Datasheet HTML 5Page - Vishay Siliconix CQY80NG Datasheet HTML 6Page - Vishay Siliconix CQY80NG Datasheet HTML 7Page - Vishay Siliconix CQY80NG Datasheet HTML 8Page - Vishay Siliconix CQY80NG Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CQY80N(G)
Vishay Telefunken
Rev. A3, 11–Jan–99
157
Typical Characteristics (Tamb = 25_C, unless otherwise specified)
0
50
100
150
200
250
300
0
40
80
120
Tamb – Ambient Temperature (
°C)
96 11700
Coupled device
Phototransistor
IR-diode
Figure 6. Total Power Dissipation vs.
Ambient Temperature
0.1
1.0
10.0
100.0
1000.0
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
VF – Forward Voltage ( V )
96 11862
Figure 7. Forward Current vs. Forward Voltage
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
–30 –20 –10 0
10 20 30 40 50 60 70 80
Tamb – Ambient Temperature ( °C
)
96 11920
VCE=5V
IF=10mA
Figure 8. Relative Current Transfer Ratio vs.
Ambient Temperature
025
50
75
1
10
100
1000
10000
Tamb – Ambient Temperature ( °C )
100
95 11026
VCE=20V
IF=0
Figure 9. Collector Dark Current vs.
Ambient Temperature
110
0.001
0.01
0.1
1
IF – Forward Current ( mA )
100
95 11052
VS=5V
Figure 10. Collector Base Current vs. Forward Current
0.1
1
10
0.01
0.1
1
100
IF – Forward Current ( mA )
100
95 11053
10
VCE=5V
Figure 11. Collector Current vs. Forward Current


Similar Part No. - CQY80NG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CQY80N ETC-CQY80N Datasheet
48Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
CQY80N ISOCOM-CQY80N Datasheet
771Kb / 3P
   OPTICALLY COUPLED ISOLATOR
logo
List of Unclassifed Man...
CQY80NX ETC-CQY80NX Datasheet
48Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
CQY80NX ISOCOM-CQY80NX Datasheet
771Kb / 3P
   OPTICALLY COUPLED ISOLATOR
More results

Similar Description - CQY80NG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com