Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA750-TQI Datasheet(PDF) 2 Page - Actel Corporation

Part # APA750-TQI
Description  ProASIC Flash Family FPGAs
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA750-TQI Datasheet(HTML) 2 Page - Actel Corporation

  APA750-TQI Datasheet HTML 1Page - Actel Corporation APA750-TQI Datasheet HTML 2Page - Actel Corporation APA750-TQI Datasheet HTML 3Page - Actel Corporation APA750-TQI Datasheet HTML 4Page - Actel Corporation APA750-TQI Datasheet HTML 5Page - Actel Corporation APA750-TQI Datasheet HTML 6Page - Actel Corporation APA750-TQI Datasheet HTML 7Page - Actel Corporation APA750-TQI Datasheet HTML 8Page - Actel Corporation APA750-TQI Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 174 page
background image
ProASICPLUS Flash Family FPGAs
ii
v5.7
Ordering Information
APA1000
FG
_
Part Number
Speed Grade
Blank = Standard Speed
F
F
= 20% Slower than Standard
Package Type
PQ = Plastic Quad Flat Pack (0.5 mm pitch)
TQ = Thin Quad Flat Pack (0.5 mm pitch)
FG
= Fine Pitch Ball Grid Array (1.0 mm pitch)
BG = Plastic Ball Grid Array (1.27 mm pitch)
CQ = Ceramic Quad Flat Pack (1.05 mm pitch)
CG = Ceramic Column Grid Array (1.27 mm pitch)
LG
= Land Grid Array (1.27 mm pitch)
1152
I
Package Lead Count
Application (Ambient Temperature Range)
G
Lead-free packaging
Blank = Standard Packaging
G = RoHS Compliant Packaging
Blank = Commercial (0˚C to +70˚C)
I = Industrial (-40˚C to +85˚C)
PP = Pre-production
ES = Engineering Silicon (Room Temperature Only)
M = Military (-55˚C to 125˚C)
B = MIL-STD-883 Class B
150,000 Equivalent System Gates
APA150 =
75,000 Equivalent System Gates
APA075 =
APA300
300,000 Equivalent System Gates
=
APA450
450,000 Equivalent System Gates
=
APA600
600,000 Equivalent System Gates
=
APA750
750,000 Equivalent System Gates
=
APA1000
1,000,000 Equivalent System Gates
=


Similar Part No. - APA750-TQI

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA750-TQ896A ACTEL-APA750-TQ896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
More results

Similar Description - APA750-TQI

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA300-PQ208A ACTEL-APA300-PQ208A Datasheet
352Kb / 10P
   ProASIC Flash Family FPGAs
APA075-PQG208 ACTEL-APA075-PQG208 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
logo
Microsemi Corporation
APA300-PQG208M MICROSEMI-APA300-PQG208M Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
APA600-PQ208I MICROSEMI-APA600-PQ208I Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA150-FG144I ACTEL-APA150-FG144I Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
A3PE3000-1FGG896I ACTEL-A3PE3000-1FGG896I Datasheet
4Mb / 152P
   ProASIC3E Flash Family FPGAs
APA1000-BG456I ACTEL-APA1000-BG456I Datasheet
352Kb / 10P
   ProASICPLUS Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com