Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBU808G Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # KBU808G
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

KBU808G Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  KBU808G Datasheet HTML 1Page - HY ELECTRONIC CORP. KBU808G Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Surge overload rating -175 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
Plastic material has UL
Mounting postition:Any
Mounting torgue:5 In.Ib.Max
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
KBU
KBU
KBU
KBU
KBU
KBU
KBU
8005G
801G
802G
804G
806G
808G
810G
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Output Current at
TC=100℃
Peak Forward Surge Current 8.3ms single
Half Sine-Wave Super Imposed on Rated Load
(JEDEC Method)
Maximum Instantanous Forward Voltage Drop
per Element at 4.0A
Maximum Reverse Leakage at rated TJ=25℃
DC Blocking Voltage Per Element
TJ=100℃
Typical Junction Capacitance Per Element (Note1)
CJ
pF
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
~ 460 ~
A
KBU8005G thru KBU810G
BRIDGE RECTIFIERS
Dimensions in inches and (milimeters)
μA
V
GLASS PASSIVATED
REVERSE VOLTAGE
- 50 to 1000Volts
FORWARD CURRENT
- 8.0 Amperes
A
100
CHARACTERISTICS
SYMBOL
UNIT
8.0
250
-55 to +150
-55 to +150
I(AV)
IFSM
VF
IR
175
1.1
10
KBU
.935(23.7)
.895(22.7)
.600(16.8)
.700(17.8)
300
(7.5)
.780(19.8)
.740(18.8)
(25.4)
1.00
MIN.
.052(1.3)DIA.
.048(1.2)TYP.
.071(1.8)
.087(2.2)
.220(5.6)
.180(4.6)
.256(6.5)
.276(7.0)
.15 X23L
(3.8 X5.7L)
HOLE THRU
.157(4.0)*45°


Similar Part No. - KBU808G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU808G WTE-KBU808G Datasheet
43Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU808G JGD-KBU808G Datasheet
138Kb / 2P
   SINGLE PHASE 8.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBU808G WTE-KBU808G Datasheet
52Kb / 4P
   8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
KBU808G SECOS-KBU808G Datasheet
894Kb / 2P
   Voltage 50V ~ 1000V 8.0Amp Glass Passivited Bridge Rectifiers
logo
HY ELECTRONIC CORP.
KBU808G HY-KBU808G Datasheet
416Kb / 3P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - KBU808G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com