Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LND1117-5.0 Datasheet(PDF) 5 Page - Linear Dimensions Semiconductor

Part # LND1117-5.0
Description  800mA Low Dropout Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LND1117-5.0 Datasheet(HTML) 5 Page - Linear Dimensions Semiconductor

  LND1117-5.0 Datasheet HTML 1Page - Linear Dimensions Semiconductor LND1117-5.0 Datasheet HTML 2Page - Linear Dimensions Semiconductor LND1117-5.0 Datasheet HTML 3Page - Linear Dimensions Semiconductor LND1117-5.0 Datasheet HTML 4Page - Linear Dimensions Semiconductor LND1117-5.0 Datasheet HTML 5Page - Linear Dimensions Semiconductor LND1117-5.0 Datasheet HTML 6Page - Linear Dimensions Semiconductor LND1117-5.0 Datasheet HTML 7Page - Linear Dimensions Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LND1117
Linear Dimensions, Inc. 445
APPLICATION INFORMATION
The LND1117 is designed to make use of
multiple power supplies, to reduce the
dropout voltage. One of the advantages of
the two supply approach is maximizing the
efficiency.
The second supply is at least 1V greater than
output voltage and is providing the power for
the NPN output transistor. This allows the
NPN output transistor to be driven into
saturation. For the control voltage the
current requirement is small and equal to
about 1% of the output current. This drive
current becomes part of the output current.
The maximum voltage on the control pin is
12V. The maximum voltage at the Power Pin
is 7V. By trying the control and power inputs
together the LND1117 can also be operated
as a single supply device. In single supply
operation the dropout will be determined by
the minimum control voltage.
Both the fixed and adjustable versions have
remote sense pins, permitting very accurate
regulation of output voltage. As a result, over
an output current range of 100mA to 800mA,
the typical load regulation is less than1mV.
For the fixed voltages the adjust pin is
brought out allowing the user to improve
transient response by bypassing the internal
resistor divider. Optimum transient response
is provided using a capacitor in the range of
0.1µF to 1µF for bypassing the Adjust pin. In
addition to the enhancements mentioned, the
reference accuracy has been improved a
factor or two with a guaranteed initial
tolerance of ±1% at 25ºC and 1.6% accuracy
over the full temperature and load current
range.
Typical applications for the LND1117 include
3.3V to 2.5V conversion with a 5V control
supply, 5V to 4.2V conversion with a 12V
control supply. The device is fully protected
against overcurrent and overtemperature
conditions.
Grounding and Output Sensing
The LND1117 allows true Kelvin sensing for
both the high and low side of the load. As a
result the voltage regulation at the load can be
easily optimized. Voltage drops due to
parasitic resistance between the regulator and
the load can be placed inside the regulation
loop. The advantages of remote sensing are
illustrated in figures 1 through 3. Figure 1
shows the device connected as a conventional
3 terminal regulator with the sense lead
connected directly to the output of the device.
RP is the parasitic resistanceof the connections
between the device and the load.Trace A of
figure 3, illiustrates the effect of RP. Figure 2,
shows the device connected to take advantage
of the remote sense feature. The sense pin
and the top of the resistor divider are
connected to the top of the load: the bottom of
the load. The effect on output regulation can
be seen in trace B of figure 3.
It is important to note that the voltage drops
due to Rp are not eliminated, they will add to
the dropout voltage of the regulator regardless.
The LND1117 can control the voltage at the
load as long as the input-output voltage is
greater than the total of the dropout voltage of
the device plus the voltage drop across RP.
Stability
The circuit design used in the LND1117 series
requires the use of an output capacitor as part
of the device frequency compensation. The
addition of 150µF aluminum electrolytic or a
22µF solid tantalum on the output will ensure
stability for all operating conditions.
• Linear Dimensions, Inc. • 445 East Ohio Street, Chicago IL 60611 USA • tel 312.321.1810 • fax 312.321.1830 • www.lineardimensions.com •


Similar Part No. - LND1117-5.0

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND1083 LINEAR_DIMENSIONS-LND1083 Datasheet
179Kb / 6P
   7.5 A, 5 A, 3 A Low Dropout Positive Adjustable Regulators
LND1084 LINEAR_DIMENSIONS-LND1084 Datasheet
179Kb / 6P
   7.5 A, 5 A, 3 A Low Dropout Positive Adjustable Regulators
LND1085 LINEAR_DIMENSIONS-LND1085 Datasheet
155Kb / 5P
   1.5 A / 3 A Low Dropout Voltage Regulators
LND1085 LINEAR_DIMENSIONS-LND1085 Datasheet
179Kb / 6P
   7.5 A, 5 A, 3 A Low Dropout Positive Adjustable Regulators
LND1086 LINEAR_DIMENSIONS-LND1086 Datasheet
155Kb / 5P
   1.5 A / 3 A Low Dropout Voltage Regulators
More results

Similar Description - LND1117-5.0

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1117M3-L-3.3 EXAR-SPX1117M3-L-3.3 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908 Datasheet
65Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117_07 Datasheet
464Kb / 16P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908_05 Datasheet
63Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117I TSC-TS1117I Datasheet
162Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com