Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LND1117-3.3 Datasheet(PDF) 3 Page - Linear Dimensions Semiconductor

Part # LND1117-3.3
Description  800mA Low Dropout Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LND1117-3.3 Datasheet(HTML) 3 Page - Linear Dimensions Semiconductor

  LND1117-3.3 Datasheet HTML 1Page - Linear Dimensions Semiconductor LND1117-3.3 Datasheet HTML 2Page - Linear Dimensions Semiconductor LND1117-3.3 Datasheet HTML 3Page - Linear Dimensions Semiconductor LND1117-3.3 Datasheet HTML 4Page - Linear Dimensions Semiconductor LND1117-3.3 Datasheet HTML 5Page - Linear Dimensions Semiconductor LND1117-3.3 Datasheet HTML 6Page - Linear Dimensions Semiconductor LND1117-3.3 Datasheet HTML 7Page - Linear Dimensions Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LND1117
Parameter
Device
Test Conditions
Min
Typ
Max
Units
Reference
Voltage
LND1117
Vcontrol=2.75V, Vpower=2V,I load=10mA
Vcontrol=2.7V to 12V
Vpower=3.3V to 5.5V, Iload=10mA to 800mA
*
1.238
1.230
1.250
1.250
1.262
1.270
V
Vcontrol=4V, Vpower=2V
Vcontrol=3V,Vpower2.3, Iload= 0mA to
800mA
*
1.485
1.475
1.500
1.500
1.515
1.525
V
Vcontrol=5V, Vpower=3.3V
Vcontrol=4V, Vpower 3.3, I load= 0mA to
800mA
*
2.475
2.460
2.500
2.500
2.525
2.540
V
Vcontrol=5.35V, Vpower=3.35V
Vcontrol=4.4V, Vpower3.7, I load= 0mA to
800mA
*
2.821
2.805
2.850
2.850
2.879
2.895
V
Vcontrol=5.5V, Vpower=3.5V
Vcontrol=4.5V, Vpower3.8 I load= 0mA to
800mA
*
2.970
2.950
3.000
3.000
3.030
3.050
V
Vcontrol=5.8V, Vpower=3.8V
Vcontrol=4.8V, Vpower4.1, I load= 0mA to
800mA
*
3.267
3.247
3.300
3.300
3.333
3.353
V
Vcontrol=6V, Vpower=4V
Vcontrol=6.5V, Vpower5.8, I load= 0mA to
800mA
*
3.465
3.445
3.500
3.500
3.535
3.555
V
Output Voltage
LND1117-1.5
LND1117-2.5
LND1117-
2.85
LND1117-3.0
LND1117-3.5
LND1117-5.0
Vcontrol=7.5V, Vpower=5.5V
Vcontrol=6.5V, Vpower5.8, I load= 0mA to
800mA
*
4.950
4.920
5.000
5.000
5.050
5.080
V
Line Regulation
All
Iload=10mA(1.5V+Vout)<=Vcontrol <= 12V,
0.8V<=(Vpower-Vout)<=5.5V
*
0.04
0.20
%
Load
Regulation
All
Vcontrol=Vout+2.5V, Vpower=Vout=0.8V I load
=10mA to 800mA
*
0.08
0.40
%
Minimum Load
Current(Note 2)
LND1117
Vcontrol=5V,Vpower=3.3V Vadj=0V
*
1.7
5
mA
Control Pin
Current (Note
3)
All
Vcontrol=Vout+2.5V,
Vpower=Vout+0.8V,Iload=10mA to 800mA
*10
20
mA
Ground Pin
Current
LND1117-
1.5/
-2.5/2.85/-
3.0/-3.3/-3.5/-
5.0
Vcontrol=Vout+2.5V,Vpower=Vout +0.8V,
Iload=10mA to 800mA
*6
10
mA
Adjust Pin
Current
LND1117
Vcontrol=2.75V, Vpower==2.05V Iload=10mA
*
50
120
µA
Current Limit
All
(Vin-Vout)=3V
*
800
1100
mA
Ripple
Rejection
All
Vcontrol= Vpower=Vout +2.5V,Vripple=1Vpp
Iload=400mA
*60
75
dB
ELECTRICAL CHARACTERISTICS
• Linear Dimensions, Inc. • 445 East Ohio Street, Chicago IL 60611 USA • tel 312.321.1810 • fax 312.321.1830 • www.lineardimensions.com •


Similar Part No. - LND1117-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND1083 LINEAR_DIMENSIONS-LND1083 Datasheet
179Kb / 6P
   7.5 A, 5 A, 3 A Low Dropout Positive Adjustable Regulators
LND1084 LINEAR_DIMENSIONS-LND1084 Datasheet
179Kb / 6P
   7.5 A, 5 A, 3 A Low Dropout Positive Adjustable Regulators
LND1085 LINEAR_DIMENSIONS-LND1085 Datasheet
155Kb / 5P
   1.5 A / 3 A Low Dropout Voltage Regulators
LND1085 LINEAR_DIMENSIONS-LND1085 Datasheet
179Kb / 6P
   7.5 A, 5 A, 3 A Low Dropout Positive Adjustable Regulators
LND1086 LINEAR_DIMENSIONS-LND1086 Datasheet
155Kb / 5P
   1.5 A / 3 A Low Dropout Voltage Regulators
More results

Similar Description - LND1117-3.3

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1117M3-L-3.3 EXAR-SPX1117M3-L-3.3 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908 Datasheet
65Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117_07 Datasheet
464Kb / 16P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908_05 Datasheet
63Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117I TSC-TS1117I Datasheet
162Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com