Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LND1117-2.5 Datasheet(PDF) 1 Page - Linear Dimensions Semiconductor

Part # LND1117-2.5
Description  800mA Low Dropout Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LND1117-2.5 Datasheet(HTML) 1 Page - Linear Dimensions Semiconductor

  LND1117-2.5 Datasheet HTML 1Page - Linear Dimensions Semiconductor LND1117-2.5 Datasheet HTML 2Page - Linear Dimensions Semiconductor LND1117-2.5 Datasheet HTML 3Page - Linear Dimensions Semiconductor LND1117-2.5 Datasheet HTML 4Page - Linear Dimensions Semiconductor LND1117-2.5 Datasheet HTML 5Page - Linear Dimensions Semiconductor LND1117-2.5 Datasheet HTML 6Page - Linear Dimensions Semiconductor LND1117-2.5 Datasheet HTML 7Page - Linear Dimensions Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LND1117
DATA SHEET
GENERAL DESCRIPTION
Adjustable or Fixed Output
Output Current of 800mA
Low Dropout 700mV at 800mA output
current
0.015% Line Regulation
0.01% Load Regulation
100% Thermal limit Burn-In
Fast Transient Response
Remote Sense
FEATURES
The LND1117 series of positive adjustable and
fixed regulators are designed to provide
800mA with higher efficiency than currently
available devices. All internal circuitry is
designed to operate down to 700 mV input to
output differential and the dropout voltage is
fully specified as a function of load current.
Dropout voltage of the device is 100mV at light
loads and rising to 700mV at maximum output
current. A second low current input is required
to achieve this dropout. The LND1117 can
also be used as a single supply device( 3 pin
version). On-chip trimming adjusts the
reference voltage to 1%.
APPLICATIONS
High Efficiency Linear Regulators
Post Regulators for Switching
Supplies
Adjustable Power Supply
800mA Low Dropout Voltage Regulator
TYPICAL APPLICATION DATA
VOUT = VREF (1+R2/R1) +IADJ R2
2.5 V, 800mA Regulator
• Linear Dimensions, Inc. • 445 East Ohio Street, Chicago IL 60611 USA • tel 312.321.1810 • fax 312.321.1830 • www.lineardimensions.com •


Similar Part No. - LND1117-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND1083 LINEAR_DIMENSIONS-LND1083 Datasheet
179Kb / 6P
   7.5 A, 5 A, 3 A Low Dropout Positive Adjustable Regulators
LND1084 LINEAR_DIMENSIONS-LND1084 Datasheet
179Kb / 6P
   7.5 A, 5 A, 3 A Low Dropout Positive Adjustable Regulators
LND1085 LINEAR_DIMENSIONS-LND1085 Datasheet
155Kb / 5P
   1.5 A / 3 A Low Dropout Voltage Regulators
LND1085 LINEAR_DIMENSIONS-LND1085 Datasheet
179Kb / 6P
   7.5 A, 5 A, 3 A Low Dropout Positive Adjustable Regulators
LND1086 LINEAR_DIMENSIONS-LND1086 Datasheet
155Kb / 5P
   1.5 A / 3 A Low Dropout Voltage Regulators
More results

Similar Description - LND1117-2.5

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1117M3-L-3.3 EXAR-SPX1117M3-L-3.3 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908 Datasheet
65Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117_07 Datasheet
464Kb / 16P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908_05 Datasheet
63Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117I TSC-TS1117I Datasheet
162Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com