Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LND3843B Datasheet(PDF) 3 Page - Linear Dimensions Semiconductor

Part # LND3843B
Description  Current Mode PWM Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LND3843B Datasheet(HTML) 3 Page - Linear Dimensions Semiconductor

  LND3843B Datasheet HTML 1Page - Linear Dimensions Semiconductor LND3843B Datasheet HTML 2Page - Linear Dimensions Semiconductor LND3843B Datasheet HTML 3Page - Linear Dimensions Semiconductor LND3843B Datasheet HTML 4Page - Linear Dimensions Semiconductor LND3843B Datasheet HTML 5Page - Linear Dimensions Semiconductor LND3843B Datasheet HTML 6Page - Linear Dimensions Semiconductor LND3843B Datasheet HTML 7Page - Linear Dimensions Semiconductor LND3843B Datasheet HTML 8Page - Linear Dimensions Semiconductor LND3843B Datasheet HTML 9Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
(*Vcc =15 V, RT=10k
Ω ,CT=3.3nF, TA=0 to 70° C, unless otherwise specified )
Characteristics
Symbol
Test Conditions
Min
Typ
Max
Unit
Reference Section
Reference Output Voltage
VREF
TJ =25
°C, IREF=1mA
4.9
5.0
5.1
V
Line Regulation
∆VREF
12V
≤VCC≤25V
6.0
20
Load Regulation
∆ VREF
1mA
≤ IREF≤20mA
6.0
25
mV
Short Circuit Output
Current
ISC
TA=25
°C
100
180
mA
Oscillator Section
Oscillation Frequency
f
TJ=25
°C
47
52
57
KHz
Frequency change with
Voltage
∆f/∆Vcc
12V
≤VCC≤25V
0.05
1.0
%
Oscillator Amplitude
V(OSC)
(Peak to Peak)
1.6
V
Error Amplitude Section
Input Bias Current
IBIAS
VFB=3V
-0.1
-2
µA
Input Voltage
VI(E,A)
Vpin1=2.5V
2.5
2.58
V
Open Loop Voltage Gain
AVOL
2V
≤VO≤4V
65
90
Power Supply Rejection
ratio
PSRR
12V
≤VCC≤25V
60
70
dB
Output Sink Current
ISINK
Vpin2 =2.7V, Vpin1=1.1V
2
7
mA
Output Source current
ISOURCE
Vpin2=2.3V, Vpin1=5V
-0.5
-1.0
mA
High Output Voltage
VOH
Vpin2=2.3V,RL=15k
Ω to
GND
5.0
6.0
Low Output Voltage
VOL
Vpin2=2.7V,RL=15k
Ω t o
PIN 8
0.8
1.1
V
Current Sense Section
Gain
GV
(Note 1& 2)
2.85
3.0
3.15
V/V
Maximum Input Signal
VI(MAX)
Vpin1 =5V(note 1)
0.9
1.0
1.1
V
Supply Voltage rejection
SVR
12V
≤Vcc≤25V(note 1)
70
dB
Input Bias Current
IBIAS
Vpin3= 3V
-3.0
-10
µA
Output Section
Isink=20mA
0.08
0.4
Low Output Voltage
VOL
Isink=200mA
1.4
2.2
Isink=20mA
13
13.5
High Output Voltage
VOH
Isink=200mA
12
13.0
V
Rise Time
tR
TJ=25
°C, CL =1nF(note
3)
45
150
nS
Fall time
tF
TJ=25
°C, CL =1nF(note
3)
35
150
nS
Undervoltage Lockout Section
LND3842A,B/44A,B
14.5
16.0
17.5
Start Threshold
VTH(ST)
LND3842A,B/45A,B
7.8
8.4
9.0
V
LND3842A,B/44A,B
8.5
10
11.5
Min. Operating Voltage
(After Turn on)
VOPR(MIN)
LND3842A,B/45A,B
7.0
7.6
8.2
V
PWM Section
LND3842A,B/43A,B
95
97
100
Max. Duty Cycle
D(MAX)
LND3842A,B/45A,B
47
48
50
%
Min. Duty cycle
D(MAX)
0
Total Standby Current
LND3842A/43A/44A/45A
0.17
0.3
Start-Up current
IST
LND3842B/43B/44B/45B
0.45
1
mA
Operating Supply Current
ICC(OPR)
VPIN3=VPIN2 =0V
13
17
mA
Zener Voltage
VZ
ICC=25mA
30
38
V
ELECTRICAL CHARACTERISTICS
LND3842/43/44/45
• Linear Dimensions, Inc. • 445 East Ohio Street, Chicago IL 60611 USA • tel 312.321.1810 • fax 312.321.1830 • www.lineardimensions.com •
*Adjust VCC above the start threshold before setting it to 15V.


Similar Part No. - LND3843B

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND386 LINEAR_DIMENSIONS-LND386 Datasheet
137Kb / 3P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
More results

Similar Description - LND3843B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com