Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LND3843A Datasheet(PDF) 7 Page - Linear Dimensions Semiconductor

Part # LND3843A
Description  Current Mode PWM Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LND3843A Datasheet(HTML) 7 Page - Linear Dimensions Semiconductor

Back Button LND3843A Datasheet HTML 2Page - Linear Dimensions Semiconductor LND3843A Datasheet HTML 3Page - Linear Dimensions Semiconductor LND3843A Datasheet HTML 4Page - Linear Dimensions Semiconductor LND3843A Datasheet HTML 5Page - Linear Dimensions Semiconductor LND3843A Datasheet HTML 6Page - Linear Dimensions Semiconductor LND3843A Datasheet HTML 7Page - Linear Dimensions Semiconductor LND3843A Datasheet HTML 8Page - Linear Dimensions Semiconductor LND3843A Datasheet HTML 9Page - Linear Dimensions Semiconductor LND3843A Datasheet HTML 10Page - Linear Dimensions Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LND3842/43/44/45
+
+
2R
1mA
+
-
2
1
2.5V
ERROR
AMP
5
FB
f
f
i
d
V
R
R
R
C
From VO
Error Amp compensation circuit f or stabilizing any current-mode topology except
f or boost and f ly back conv erters operating with continuous inductor current.
2
-
1mA
1
+
2R
2.5V
ERROR
AMP
5
FB
f
f
i
d
V
R
R
R
C
From VO
COMP
COMP
R
Cp
p
Error Amp compensation circuit f or stabilizing current-mode and f ly back
topologies operating with continuous inductor current.
Figure 6. Error Amplifier Compensation
R
R
• Linear Dimensions, Inc. • 445 East Ohio Street, Chicago IL 60611 USA • tel 312.321.1810 • fax 312.321.1830 • www.lineardimensions.com •


Similar Part No. - LND3843A

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND386 LINEAR_DIMENSIONS-LND386 Datasheet
137Kb / 3P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
More results

Similar Description - LND3843A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com