Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LND5203 Datasheet(PDF) 7 Page - Linear Dimensions Semiconductor

Part # LND5203
Description  3 A Low Dropout Positive Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LND5203 Datasheet(HTML) 7 Page - Linear Dimensions Semiconductor

  LND5203 Datasheet HTML 1Page - Linear Dimensions Semiconductor LND5203 Datasheet HTML 2Page - Linear Dimensions Semiconductor LND5203 Datasheet HTML 3Page - Linear Dimensions Semiconductor LND5203 Datasheet HTML 4Page - Linear Dimensions Semiconductor LND5203 Datasheet HTML 5Page - Linear Dimensions Semiconductor LND5203 Datasheet HTML 6Page - Linear Dimensions Semiconductor LND5203 Datasheet HTML 7Page - Linear Dimensions Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Output Voltage
The LND5203 (adjustable version)
develops a 1.25V reference voltage
between the Sense pin and the Adjust
pin (Figure 4). Placing a resistor
between these two terminals causes a
constant current to flow through R1
and down though R2 to set the output
voltage. In general R1 is chosen so
that this current is the specified
minimum load current of 5mA. The
current out of the Adjust pin is small,
typically 50
µA and it adds to the
current from R1. For the best
regulation the top of the resistor
divider should be connected directly to
the Sense pin.
Protection Diodes
In normal operation LND5203 family does
not need any protection diodes between
the adjustment pin and the output to the
input to prevent die overstresses. Internal
resistors are limiting the internal current
paths on the ADJ pin. Therefore even
with bypass capacitors on the adjust pin
no protection diode is needed to ensure
device safety under short-circuit
conditions. The adjust pin can be driver
on a transient basis ±7V with respect to
the output with out any device
degradation. A protection diode between
the Output pin and Vpower pin is not
usually needed. Microsecond surge
currents of 50A to 100A can be handled
by the internal diode between the Output
pin and Vpower pin of the device. In
normal operations it is difficult to get those
values of surge currents even with the
use of large output capacitance. Only
with high value output capacitors, such as
1000
µF to 5000µF and the Vpower pin
are instantaneously shorted to ground,
damage can occur. A diode from output
to input is recommended (Figure 5).
If LND5203 is connected as a single
supply device with the control and power
input pins shorted together the internal
diode between the output and the power-
input pin will protect the control input pin.
Thermal Considerations
The LND5203 series have internal power
and thermal-limiting circuitry designed to
protect the device under overload
conditions. However, maximum junction
temperature ratings should not be
exceeded under continuous normal load
conditions. Careful consideration must be
given to all sources of thermal resistance
from junction ambient, including junction-
to-case, case to-heat sink interface and
heat sink resistance itself.
Junction temperature of the control
section can run up to 125ºC. Junction
temperature of the Power section can run
up to 150ºC.
LND5203
LND5203
LND5203
Figure 4. Settling Output Voltage
Figure 5. Optional Clamp Diodes Protect Against
Input Crowbar Circuits
• Linear Dimensions, Inc. • 445 East Ohio Street, Chicago IL 60611 USA • tel 312.321.1810 • fax 312.321.1830 • www.lineardimensions.com •


Similar Part No. - LND5203

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
LND5201-1.5 LINEAR_DIMENSIONS-LND5201-1.5 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
LND5201-2.5 LINEAR_DIMENSIONS-LND5201-2.5 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
LND5201-2.85 LINEAR_DIMENSIONS-LND5201-2.85 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
LND5201-3.0 LINEAR_DIMENSIONS-LND5201-3.0 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
More results

Similar Description - LND5203

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PJ1085 ETC-PJ1085 Datasheet
300Kb / 7P
   3 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1085220M05 SEME-LAB-LT1085220M05 Datasheet
29Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
Texas Instruments
LM1086-MIL TI1-LM1086-MIL Datasheet
856Kb / 23P
[Old version datasheet]   1.5-A Low Dropout Positive Voltage Regulator
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
   LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
International Rectifier
OM7671STM IRF-OM7671STM Datasheet
188Kb / 4P
   Low Dropout Positive Voltage Regulator
logo
Hangzhou Youwang Electr...
UTC1117 YOUWANG-UTC1117 Datasheet
96Kb / 7P
   LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Seme LAB
IP1R07A SEME-LAB-IP1R07A Datasheet
32Kb / 3P
   3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Microchip Technology
MCP1701A MICROCHIP-MCP1701A Datasheet
606Kb / 22P
   2關A Low-Dropout Positive Voltage Regulator
2007
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com