Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1AGL250V2-QN144I Datasheet(PDF) 3 Page - Actel Corporation

Part # M1AGL250V2-QN144I
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

M1AGL250V2-QN144I Datasheet(HTML) 3 Page - Actel Corporation

  M1AGL250V2-QN144I Datasheet HTML 1Page - Actel Corporation M1AGL250V2-QN144I Datasheet HTML 2Page - Actel Corporation M1AGL250V2-QN144I Datasheet HTML 3Page - Actel Corporation M1AGL250V2-QN144I Datasheet HTML 4Page - Actel Corporation M1AGL250V2-QN144I Datasheet HTML 5Page - Actel Corporation M1AGL250V2-QN144I Datasheet HTML 6Page - Actel Corporation M1AGL250V2-QN144I Datasheet HTML 7Page - Actel Corporation M1AGL250V2-QN144I Datasheet HTML 8Page - Actel Corporation M1AGL250V2-QN144I Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 212 page
background image
IGLOO Low-Power Flash FPGAs
v1.3
III
IGLOO Ordering Information
Notes:
1. Marking Information: IGLOO V2 devices do not have V2 marking, but IGLOO V5 devices are marked accordingly.
2. The DC and switching characteristics for the –F speed grade targets are based only on simulation.
The characteristics provided for the –F speed grade are subject to change after establishing FPGA specifications. Some
restrictions might be added and will be reflected in future revisions of this document. The –F speed grade is only
supported in the commercial temperature range.
Speed Grade
Blank = Standard
F = 20% Slower than Standard*
Supply Voltage
2 = 1.2 V to 1.5 V
5 = 1.5 V only
AGL1000
V2
FG
_
Part Number
IGLOO Devices
Package Type
VQ = Very Thin Quad Flat Pack (0.5 mm pitch)
QN = Quad Flat Pack No Leads (0.4 mm and 0.5 mm pitch)
144
I
Package Lead Count
G
Lead-Free Packaging
Application (Temperature Range)
Blank = Commercial (0°C to +70°C Ambient Temperature)
I= Industrial (
40°C to +85°C Ambient Temperature)
Blank = Standard Packaging
G= RoHS-Compliant Packaging
PP = Pre-Production
ES =Engineering Sample (Room Temperature Only)
30,000 System Gates
AGL030 =
15,000 System Gates
AGL015 =
60,000 System Gates
AGL060=
125,000 System Gates
AGL125 =
250,000 System Gates
AGL250 =
600,000 System Gates
AGL600 =
400,000 System Gates
AGL400 =
1,000,000 System Gates
AGL1000 =
CS = Chip Scale Package (0.4 mm and 0.5 mm pitches)
UC = Micro Chip Scale Package (0.4 mm pitch)
FG = Fine Pitch Ball Grid Array (1.0 mm pitch)
IGLOO Devices with Cortex-M1
250,000 System Gates
M1AGL250 =
600,000 System Gates
M1AGL600 =
400,000 System Gates
M1AGL400 =
1,000,000 System Gates
M1AGL1000=


Similar Part No. - M1AGL250V2-QN144I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
M1AGL250 MICROSEMI-M1AGL250 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
More results

Similar Description - M1AGL250V2-QN144I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL250V5-CSG196I MICROSEMI-AGL250V5-CSG196I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL1000V2-FGG484I MICROSEMI-AGL1000V2-FGG484I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGLN060V5-CSG81 MICROSEMI-AGLN060V5-CSG81 Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLP030 ACTEL-AGLP030_V01 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
logo
Microsemi Corporation
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLE3000V2-FGG896I ACTEL-AGLE3000V2-FGG896I Datasheet
4Mb / 156P
   IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
A3P250L-VQ100I MICROSEMI-A3P250L-VQ100I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000L-FGG256 MICROSEMI-A3P1000L-FGG256 Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com