Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE11 Datasheet(PDF) 4 Page - HY ELECTRONIC CORP.

Part # 1.5KE11
Description  UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

1.5KE11 Datasheet(HTML) 4 Page - HY ELECTRONIC CORP.

  1.5KE11 Datasheet HTML 1Page - HY ELECTRONIC CORP. 1.5KE11 Datasheet HTML 2Page - HY ELECTRONIC CORP. 1.5KE11 Datasheet HTML 3Page - HY ELECTRONIC CORP. 1.5KE11 Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1.5KE SERIES
Type
Number
Type
Number
Reverse
Standoff
Voltage
Max.
Reverse
Leakage
@ VR
Max.
Clamping
Voltage
@ Ipp
Max.
Peak
Pulse
Current
Max.
Voltage
Temp.
Variation
of Bv
(UNI)
(BI)
VR(V)
Min(V)
Max(V)
It(mA)
IR(µA)
Vc(V)
Ipp(A)
mV/℃
1.5KE62
1.5KE62C
50.2
55.8
68.2
1
5
89.0
16.90
0.104
1.5KE62A
1.5KE62CA
53.0
58.9
65.1
1
5
85.0
17.70
0.104
1.5KE68
1.5KE68C
55.1
61.2
74.8
1
5
98.0
15.30
0.104
1.5KE68A
1.5KE68CA
58.1
64.6
71.4
1
5
92.0
16.30
0.104
1.5KE75
1.5KE75C
60.7
67.5
82.5
1
5
108.0
13.90
0.105
1.5KE75A
1.5KE75CA
64.7
71.3
78.8
1
5
103.0
14.60
0.105
1.5KE82
1.5KE82C
66.4
73.8
90.2
1
5
118.0
12.70
0.105
1.5KE82A
1.5KE82CA
70.1
77.9
86.1
1
5
113.0
13.30
0.105
1.5KE91
1.5KE91C
73.7
81.9
100.0
1
5
131.0
11.40
0.106
1.5KE91A
1.5KE91CA
77.8
86.5
95.5
1
5
125.0
12.00
0.106
1.5KE100
1.5KE100C
81.0
90.0
110.0
1
5
144.0
10.40
0.106
1.5KE100A
1.5KE100CA
85.5
95.0
105.0
1
5
137.0
11.00
0.106
1.5KE110
1.5KE110C
89.2
99.0
121.0
1
5
158.0
9.50
0.107
1.5KE110A
1.5KE110CA
94.0
105.0
116.0
1
5
152.0
9.90
0.107
1.5KE120
1.5KE120C
97.2
108.0
132.0
1
5
173.0
8.70
0.107
1.5KE120A
1.5KE120CA
102.0
114.0
126.0
1
5
165.0
9.10
0.107
1.5KE130
1.5KE130C
105.0
117.0
143.0
1
5
187.0
8.00
0.107
1.5KE130A
1.5KE130CA
111.0
124.0
137.0
1
5
179.0
8.40
0.107
1.5KE150
1.5KE150C
121.0
135.0
165.0
1
5
215.0
7.00
0.108
1.5KE150A
1.5KE150CA
128.0
143.0
158.0
1
5
207.0
7.20
0.108
1.5KE160
1.5KE160C
130.0
144.0
176.0
1
5
230.0
6.50
0.108
1.5KE160A
1.5KE160CA
136.0
152.0
168.0
1
5
219.0
6.80
0.108
1.5KE170
1.5KE170C
138.0
153.0
187.0
1
5
244.0
6.20
0.108
1.5KE170A
1.5KE170CA
145.0
162.0
179.0
1
5
234.0
6.40
0.108
1.5KE180
1.5KE180C
146.0
162.0
198.0
1
5
258.0
5.80
0.108
1.5KE180A
1.5KE180CA
154.0
171.0
189.0
1
5
246.0
6.10
0.108
1.5KE200
1.5KE200C
162.0
180.0
220.0
1
5
287.0
5.20
0.108
1.5KE200A
1.5KE200CA
171.0
190.0
210.0
1
5
274.0
5.50
0.108
1.5KE220
1.5KE220C
175.0
198.0
242.0
1
5
344.0
4.30
0.108
1.5KE220A
1.5KE220CA
185.0
209.0
231.0
1
5
328.0
4.60
0.108
1.5KE250
1.5KE250C
202.0
225.0
275.0
1
5
360.0
5.00
0.110
1.5KE250A
1.5KE250CA
214.0
237.0
263.0
1
5
344.4
5.00
0.110
1.5KE300
1.5KE300C
243.0
270.0
330.0
1
5
430.0
5.00
0.110
1.5KE300A
1.5KE300CA
256.0
285.0
315.0
1
5
414.0
5.00
0.110
1.5KE350
1.5KE350C
284.0
315.0
385.0
1
5
504.0
4.00
0.110
1.5KE350A
1.5KE350CA
300.0
332.0
368.0
1
5
482.0
4.00
0.110
1.5KE400
1.5KE400C
324.0
360.0
440.0
1
5
574.0
4.00
0.110
1.5KE400A
1.5KE400CA
342.0
380.0
420.0
1
5
548.0
4.00
0.110
Breakdown
Voltage
BV Lolts@lt
NOTES: Suffix'C' denotes bidirectional device . Suffix'A' denotes 5% tolerance device .no suffix denotes 10% tolerance devive .
1. For bidirectional devices having VR of 10volts and under ,the IR limit is doubled .
~ 303 ~


Similar Part No. - 1.5KE11

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1.5KE11 DIOTEC-1.5KE11 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
DONGGUAN YOU FENG WEI E...
1.5KE11 YFWDIODE-1.5KE11 Datasheet
1Mb / 6P
   Transient voltage suppressor power 1500 watts
logo
New Jersey Semi-Conduct...
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
1.5KE11 TRSYS-1.5KE11 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Yea Shin Technology Co....
1.5KE11 YEASHIN-1.5KE11 Datasheet
1Mb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KE11

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMA6.8 LITEON-SMA6.8 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
P4KE10 HY-P4KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE HY-P4KE_V01 Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1-5KE10C HY-1-5KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE10C HY-P4KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KEG HY-P4KEG Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
P6KE10 HY-P6KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P6KE HY-P6KE_V01 Datasheet
490Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
P6KE10C HY-P6KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
1-5KE10 HY-1-5KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com