Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYW56 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BYW56
Description  Silicon Mesa Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYW56 Datasheet(HTML) 3 Page - Vishay Siliconix

  BYW56 Datasheet HTML 1Page - Vishay Siliconix BYW56 Datasheet HTML 2Page - Vishay Siliconix BYW56 Datasheet HTML 3Page - Vishay Siliconix BYW56 Datasheet HTML 4Page - Vishay Siliconix BYW56 Datasheet HTML 5Page - Vishay Siliconix BYW56 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BYW52 / 53 / 54 / 55 / 56
Document Number 86049
Rev. 1.6, 14-Apr-05
Vishay Semiconductors
www.vishay.com
3
Figure 3. Max. Average Forward Current vs. Ambient Temperature
Figure 4. Reverse Current vs. Junction Temperature
0.0
0.5
1.0
1.5
2.0
2.5
0
20
40
60
80 100 120 140 160 180
Tamb – Ambient Temperature (°C )
16351
VR =VRRM
half sinewave
RthJA =45K/W
l=10mm
RthJA = 100 K/W
PCB:d=25mm
1
10
100
1000
25
50
75
100
125
150
175
Tj – Junction Temperature (°C )
16352
VR =VRRM
Figure 5. Max. Reverse Power Dissipation vs. Junction
Temperature
Figure 6. Diode Capacitance vs. Reverse Voltage
0
50
100
150
200
250
300
350
400
25
50
75
100
125
150
175
Tj – Junction Temperature ( °C )
16353
VR =VRRM
PR–Limit
@100 % VR
PR–Limit
@80%VR
0
5
10
15
20
25
30
35
40
0.1
1.0
10.0
100.0
VR – Reverse Voltage(V)
16354
f=1MHz
Figure 7. Thermal Response
1
10
100
1000
tp – Pulse Length(s)
94 9178
10–5
10–4
10–3
10–2
10–1
100
101
102
IFRM – Repetitive Peak
Forward Current(A)
100
101
VRRM = 1000 V, RthJA = 100K/W
tp/T = 0.5
tp/T = 0.2
tp/T = 0.1
tp/T = 0.05
tp/T = 0.02
tp/T = 0.01
Tamb =25°C
Tamb =45°C
Tamb =60 °C
Tamb =70°C
Tamb = 100°C


Similar Part No. - BYW56

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYW56 PHILIPS-BYW56 Datasheet
46Kb / 7P
   Controlled avalanche rectifiers
1996 Oct 03
logo
Gulf Semiconductor
BYW56 GULFSEMI-BYW56 Datasheet
79Kb / 2P
   SINTERED GLASS JUNCTION GENERAL AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 2.0A
logo
EIC discrete Semiconduc...
BYW56 EIC-BYW56 Datasheet
50Kb / 2P
   AVALANCHE RECTIFIER DIODES
logo
Vishay Siliconix
BYW56 VISHAY-BYW56 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BYW56 VISHAY-BYW56 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
More results

Similar Description - BYW56

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5059 VISHAY-1N5059 Datasheet
43Kb / 4P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BY203 VISHAY-BY203 Datasheet
33Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BY448 VISHAY-BY448 Datasheet
36Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYX82 VISHAY-BYX82 Datasheet
61Kb / 5P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BY268 VISHAY-BY268 Datasheet
37Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BY228-13 VISHAY-BY228-13 Datasheet
37Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYW82 VISHAY-BYW82 Datasheet
50Kb / 4P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYT77 VISHAY-BYT77 Datasheet
43Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 3, 07-Dec-99
BYV12 VISHAY-BYV12 Datasheet
48Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYW32 VISHAY-BYW32 Datasheet
46Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com