Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYV28-100 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYV28-100
Description  Ultra Fast Silicon Mesa Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYV28-100 Datasheet(HTML) 2 Page - Vishay Siliconix

  BYV28-100 Datasheet HTML 1Page - Vishay Siliconix BYV28-100 Datasheet HTML 2Page - Vishay Siliconix BYV28-100 Datasheet HTML 3Page - Vishay Siliconix BYV28-100 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BYV28/...
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
2 (4)
Document Number 86044
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=5A
VF
1.1
V
g
IF=5A, Tj=175°C
VF
0.89
V
Reverse current
VR=VRRM
IR
1
mA
VRSM
IR
100
mA
VR=VRRM, Tj=165°C
IR
150
mA
Reverse recovery time
IF=0.5A, IR=1A, iR=0.25A
trr
30
ns
Characteristics (Tj = 25_C unless otherwise specified)
0
5
10
15
25
0
10
20
30
40
l – Lead Length ( mm )
30
94 9548
20
ll
TL=constant
Figure 1. Max. Thermal Resistance vs. Lead Length
0
0
1
2
3
4
Tamb – Ambient Temperature ( °C )
94 9545
40
80
120
160
200
VRRM
RthJA=70K/W
f
v200kHz
PC Board
Figure 2. Max. Average Forward Current vs.
Ambient Temperature
0
0
1
2
3
4
Tamb – Ambient Temperature ( °C )
94 9546
40
80
120
160
200
VRRM
RthJA=27K/W
f
v200kHz
l=20mm
Figure 3. Max. Average Forward Current vs.
Ambient Temperature
0
40
80
120
160
0.1
1
10
100
1000
Tj – Junction Temperature ( °C )
200
94 9547
Scattering Limit
VR =VRRM
Figure 4. Reverse Current vs. Junction Temperature


Similar Part No. - BYV28-100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV28-100 PHILIPS-BYV28-100 Datasheet
100Kb / 16P
   Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
logo
Vishay Siliconix
BYV28-100 VISHAY-BYV28-100 Datasheet
126Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
logo
General Semiconductor
BYV28-100 GE-BYV28-100 Datasheet
53Kb / 2P
   GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
Vishay Siliconix
BYV28-100 VISHAY-BYV28-100 Datasheet
369Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
Shenzhen Luguang Electr...
BYV28-100 LUGUANG-BYV28-100 Datasheet
183Kb / 2P
   Super Fast Rectifiers
More results

Similar Description - BYV28-100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYV27 VISHAY-BYV27 Datasheet
43Kb / 4P
   Ultra Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYT77 VISHAY-BYT77 Datasheet
43Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 3, 07-Dec-99
BYV12 VISHAY-BYV12 Datasheet
48Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYW32 VISHAY-BYW32 Datasheet
46Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYT56 VISHAY-BYT56 Datasheet
42Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYV37 VISHAY-BYV37 Datasheet
41Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
1N5417 VISHAY-1N5417 Datasheet
45Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYT52 VISHAY-BYT52 Datasheet
42Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYT54 VISHAY-BYT54 Datasheet
43Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYT53 VISHAY-BYT53 Datasheet
43Kb / 4P
   Very Fast Silicon Mesa Rectifiers
Rev. 4, 24-Jun-98
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com