Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYV28600 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYV28600
Description  Ultra Fast Soft-Recovery Avalanche Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYV28600 Datasheet(HTML) 2 Page - Vishay Siliconix

  BYV28600 Datasheet HTML 1Page - Vishay Siliconix BYV28600 Datasheet HTML 2Page - Vishay Siliconix BYV28600 Datasheet HTML 3Page - Vishay Siliconix BYV28600 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BYV28–600
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
2 (4)
Document Number 86043
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=3.5A
VF
1.25
V
g
IF=5A
VF
1.35
V
IF=3.5A, Tj=175°C
VF
0.95
V
IF=5A, Tj=175°C
VF
1.06
V
Reverse current
VR=VRRM
IR
5
mA
VR=VRRM, Tj=150°C
IR
150
mA
Reverse breakdown voltage
IR=100mA
V(BR)R
600
V
Reverse recovery time
IF=0.5A, IR=1A, iR=0.25A
trr
50
ns
Forward recovery
IF=5A
VFP
6.2
V
Forward recovery time
F
tfr
210
ns
Characteristics (Tj = 25_C unless otherwise specified)
0
50
100
150
200
250
300
25
50
75
100
125
150
175
Tj – Junction Temperature ( °C )
14365
70K/W
25K/W
RthJA=
VR=80%VRRM
VR=100%VRRM
Figure 1. Max. Reverse Power Dissipation vs.
Junction Temperature
1
10
100
1000
25
50
75
100
125
150
175
1
10
100
1000
25
50
75
100
125
150
175
Tj – Junction Temperature ( °C )
14366
VR = VRRM
Figure 2. Max. Reverse Current vs.
Junction Temperature


Similar Part No. - BYV28600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV28 PHILIPS-BYV28 Datasheet
100Kb / 16P
   Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
logo
Vishay Siliconix
BYV28 VISHAY-BYV28 Datasheet
43Kb / 4P
   Ultra Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
logo
Diodes Incorporated
BYV28 DIODES-BYV28 Datasheet
75Kb / 2P
   3.0A SUPER-FAST GLASS BODY RECTIFIER
DS30033 Rev. A
logo
EIC discrete Semiconduc...
BYV28 EIC-BYV28 Datasheet
74Kb / 2P
   EPITAXIAL AVALANCHE DIODES
Rev. 03 : July 8, 2005
logo
SUNMATE electronic Co.,...
BYV28-100 SUNMATE-BYV28-100 Datasheet
578Kb / 2P
   SUPER FAST RECTIFIER DIODES
More results

Similar Description - BYV28600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYV27600 VISHAY-BYV27600 Datasheet
42Kb / 4P
   Ultra Fast Soft-Recovery Avalanche Rectifier
Rev. 2, 24-Jun-98
logo
NXP Semiconductors
BY9200 PHILIPS-BY9200 Datasheet
108Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifier
1998 Dec 04
logo
SynSemi, Inc.
BYW95A SYNSEMI-BYW95A Datasheet
33Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYD33D EIC-BYD33D Datasheet
47Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
SynSemi, Inc.
BYD33D SYNSEMI-BYD33D Datasheet
31Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYW95A EIC-BYW95A Datasheet
29Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
NXP Semiconductors
BYV4100 PHILIPS-BYV4100 Datasheet
52Kb / 8P
   Fast soft-recovery controlled avalanche rectifier
1996 Oct 07
logo
Shenzhen Ping Sheng Ele...
BYV26 PFS-BYV26 Datasheet
242Kb / 3P
   Very Fast Soft-Recovery Avalanche Rectifier
logo
EIC discrete Semiconduc...
BYD37DA EIC-BYD37DA Datasheet
110Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
Vishay Siliconix
BYV26 VISHAY-BYV26 Datasheet
41Kb / 4P
   Very Fast Soft-Recovery Avalanche Rectifier
Rev. 2, 24-Jun-98
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com