Electronic Components Datasheet Search |
|
A3P125-2PQ144PP Datasheet(PDF) 3 Page - Actel Corporation |
|
A3P125-2PQ144PP Datasheet(HTML) 3 Page - Actel Corporation |
3 / 206 page ProASIC3 Flash Family FPGAs v1.0 III ProASIC3 Ordering Information * The DC and switching characteristics for the –F speed grade targets are based only on simulation. The characteristics provided for the –F speed grade are subject to change after establishing FPGA specifications. Some restrictions might be added and will be reflected in future revisions of this document. The –F speed grade is only supported in the commercial temperature range. Speed Grade Blank = Standard 1 = 15% Faster than Standard 2 = 25% Faster than Standard F = 20% Slower than Standard* A3P1000 FG _ Part Number ProASIC3 Devices ProASIC3 Devices with ARM7 1 Package Type VQ = Very Thin Quad Flat Pack (0.5 mm pitch) QN = Quad Flat Pack No Leads (0.4 mm and 0.5 mm pitches) TQ = Thin Quad Flat Pack (0.5 mm pitch) 144 I Package Lead Count G Lead-Free Packaging Application (Temperature Range) Blank = Commercial (0°C to +70°C Ambient Temperature) I = Industrial ( –40°C to +85°C Ambient Temperature) Blank = Standard Packaging G= RoHS-Compliant (Green) Packaging PP = Pre-Production ES = Engineering Sample (Room Temperature Only) 30,000 System Gates A3P030 = 15,000 System Gates A3P015 = 60,000 System Gates A3P060 = 125,000 System Gates A3P125 = 250,000 System Gates A3P250 = 400,000 System Gates A3P400 = 600,000 System Gates A3P600 = 1,000,000 System Gates A3P1000 = ProASIC3 Devices with Cortex-M1 250,000 System Gates M1A3P250 = 400,000 System Gates M1A3P400 = 600,000 System Gates M1A3P600 = 1,000,000 System Gates M1A3P1000 = 1,000,000 System Gates M7A3P1000 = PQ = Plastic Quad Flat Pack (0.5 mm pitch) FG = Fine Pitch Ball Grid Array (1.0 mm pitch) |
Similar Part No. - A3P125-2PQ144PP |
|
Similar Description - A3P125-2PQ144PP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |