Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA300-BGM Datasheet(PDF) 58 Page - Actel Corporation

Part # APA300-BGM
Description  ProASIC Flash Family FPGAs
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA300-BGM Datasheet(HTML) 58 Page - Actel Corporation

Back Button APA300-BGM Datasheet HTML 54Page - Actel Corporation APA300-BGM Datasheet HTML 55Page - Actel Corporation APA300-BGM Datasheet HTML 56Page - Actel Corporation APA300-BGM Datasheet HTML 57Page - Actel Corporation APA300-BGM Datasheet HTML 58Page - Actel Corporation APA300-BGM Datasheet HTML 59Page - Actel Corporation APA300-BGM Datasheet HTML 60Page - Actel Corporation APA300-BGM Datasheet HTML 61Page - Actel Corporation APA300-BGM Datasheet HTML 62Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 174 page
background image
ProASICPLUS Flash Family FPGAs
1- 52
v5.7
Table 1-46 • Recommended Operating Conditions
Parameter
Symbol
Limits
Commercial/Industrial
Military/MIL-STD-883
Maximum Clock Frequency*
fCLOCK
180 MHz
180 MHz
Maximum RAM Frequency*
fRAM
150 MHz
150 MHz
Maximum Rise/Fall Time on Inputs*
Schmitt Trigger Mode (10% to 90%)
Non-Schmitt Trigger Mode (10% to
90%)
tR/tF
tR/tF
N/A
100 ns
100 ns
10 ns
Maximum LVPECL Frequency*
180 MHz
180 MHz
Maximum TCK Frequency (JTAG)
fTCK
10 MHz
10 MHz
Note: *All –F parts will be 20% slower than standard commercial devices.
Table 1-47 • Slew Rates Measured at C = 30pF, Nominal Power Supplies and 25°C
Type
Trig. Level
Rising Edge (ns)
Slew Rate (V/ns)
Falling Edge (ns)
Slew Rate (V/ns)
PCI Mode
OB33PH
10%-90%
1.60
1.65
1.65
1.60
Yes
OB33PN
10%-90%
1.57
1.68
3.32
0.80
No
OB33PL
10%-90%
1.57
1.68
1.99
1.32
No
OB33LH
10%-90%
3.80
0.70
4.84
0.55
No
OB33LN
10%-90%
4.19
0.63
3.37
0.78
No
OB33LL
10%-90%
5.49
0.48
2.98
0.89
No
OB25LPHH
10%-90%
1.55
1.29
1.56
1.28
No
OB25LPHN
10%-90%
1.70
1.18
2.08
0.96
No
OB25LPHL
10%-90%
1.97
1.02
2.09
0.96
No
OB25LPLH
10%-90%
3.57
0.56
3.93
0.51
No
OB25LPLN
10%-90%
4.65
0.43
3.28
0.61
No
OB25LPLL
10%-90%
5.52
0.36
3.44
0.58
No
Notes:
1. Standard and –F parts.
2. All –F only available as commercial.


Similar Part No. - APA300-BGM

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA300-BG1152ES ACTEL-APA300-BG1152ES Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA300-BG1152I ACTEL-APA300-BG1152I Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA300-BG1152PP ACTEL-APA300-BG1152PP Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA300-BGG1152ES ACTEL-APA300-BGG1152ES Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA300-BGG1152I ACTEL-APA300-BGG1152I Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
More results

Similar Description - APA300-BGM

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA300-PQ208A ACTEL-APA300-PQ208A Datasheet
352Kb / 10P
   ProASIC Flash Family FPGAs
APA075-PQG208 ACTEL-APA075-PQG208 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
logo
Microsemi Corporation
APA300-PQG208M MICROSEMI-APA300-PQG208M Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
APA600-PQ208I MICROSEMI-APA600-PQ208I Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA150-FG144I ACTEL-APA150-FG144I Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
A3PE3000-1FGG896I ACTEL-A3PE3000-1FGG896I Datasheet
4Mb / 152P
   ProASIC3E Flash Family FPGAs
APA1000-BG456I ACTEL-APA1000-BG456I Datasheet
352Kb / 10P
   ProASICPLUS Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com