Electronic Components Datasheet Search |
|
AX2000-1FG896M Datasheet(PDF) 1 Page - Actel Corporation |
|
AX2000-1FG896M Datasheet(HTML) 1 Page - Actel Corporation |
1 / 226 page November 2008 i © 2008 Actel Corporation *See Actel’s website for the latest version of the datasheet. Axcelerator Family FPGAs Leading-Edge Performance • 350+ MHz System Performance • 500+ MHz Internal Performance • High-Performance Embedded FIFOs • 700 Mb/s LVDS Capable I/Os Specifications • Up to 2 Million Equivalent System Gates • Up to 684 I/Os • Up to 10,752 Dedicated Flip-Flops • Up to 295 kbits Embedded SRAM/FIFO • Manufactured on Advanced 0.15 μm CMOS Antifuse Process Technology, 7 Layers of Metal Features • Single-Chip, Nonvolatile Solution • Up to 100% Resource Utilization with 100% Pin Locking • 1.5V Core Voltage for Low Power • Footprint Compatible Packaging • Flexible, Multi-Standard I/Os: – 1.5V, 1.8V, 2.5V, 3.3V Mixed Voltage Operation – Bank-Selectable I/Os – 8 Banks per Chip – Single-Ended I/O Standards: LVTTL, LVCMOS, 3.3V PCI, and 3.3V PCI-X – Differential I/O Standards: LVPECL and LVDS – Voltage-Referenced I/O Standards: GTL+, HSTL Class 1, SSTL2 Class 1 and 2, SSTL3 Class 1 and 2 – Registered I/Os – Hot-Swap Compliant I/Os (except PCI) – Programmable Slew Rate and Drive Strength on Outputs – Programmable Delay and Weak Pull-Up/Pull-Down Circuits on Inputs • Embedded Memory: – Variable-Aspect 4,608-bit RAM Blocks (x1, x2, x4, x9, x18, x36 Organizations Available) – Independent, Width-Configurable Read and Write Ports – Programmable Embedded FIFO Control Logic • Segmentable Clock Resources • Embedded Phase-Locked Loop: – 14-200 MHz Input Range – Frequency Synthesis Capabilities up to 1 GHz • Deterministic, User-Controllable Timing • Unique In-System Diagnostic and Debug Capability with Actel Silicon Explorer II • Boundary-Scan Testing Compliant with IEEE Standard 1149.1 (JTAG) •FuseLockTM Secure Programming Technology Prevents Reverse Engineering and Design Theft ™ e u Table 1-1 • Axcelerator Family Product Profile Device AX125 AX250 AX500 AX1000 AX2000 Capacity (in Equivalent System Gates) 125,000 250,000 500,000 1,000,000 2,000,000 Typical Gates 82,000 154,000 286,000 612,000 1,060,000 Modules Register (R-cells) 672 1,408 2,688 6,048 10,752 Combinatorial (C-cells) 1,344 2,816 5,376 12,096 21,504 Maximum Flip-Flops 1,344 2,816 5,376 12,096 21,504 Embedded RAM/FIFO Number of Core RAM Blocks 4 12 16 36 64 Total Bits of Core RAM 18,432 55,296 73,728 165,888 294,912 Clocks (Segmentable) Hardwired 4 4 4 4 4 Routed 4 4 4 4 4 PLLs 8 888 8 I/Os I/O Banks 8 8 8 8 8 Maximum User I/Os 168 248 336 516 684 Maximum LVDS Channels 84 124 168 258 342 Total I/O Registers 504 744 1,008 1,548 2,052 Package CSP PQFP BGA FBGA CQFP CCGA 180 256, 324 208 256, 484 208, 352 208 484, 676 208, 352 729 484, 676, 896 352 624 896, 1152 352 624 v2.7 |
Similar Part No. - AX2000-1FG896M |
|
Similar Description - AX2000-1FG896M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |