Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1A3PE3000-FFGG896I Datasheet(PDF) 3 Page - Actel Corporation

Part # M1A3PE3000-FFGG896I
Description  ProASIC3E Flash Family FPGAs
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

M1A3PE3000-FFGG896I Datasheet(HTML) 3 Page - Actel Corporation

  M1A3PE3000-FFGG896I Datasheet HTML 1Page - Actel Corporation M1A3PE3000-FFGG896I Datasheet HTML 2Page - Actel Corporation M1A3PE3000-FFGG896I Datasheet HTML 3Page - Actel Corporation M1A3PE3000-FFGG896I Datasheet HTML 4Page - Actel Corporation M1A3PE3000-FFGG896I Datasheet HTML 5Page - Actel Corporation M1A3PE3000-FFGG896I Datasheet HTML 6Page - Actel Corporation M1A3PE3000-FFGG896I Datasheet HTML 7Page - Actel Corporation M1A3PE3000-FFGG896I Datasheet HTML 8Page - Actel Corporation M1A3PE3000-FFGG896I Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 152 page
background image
ProASIC3E Flash Family FPGAs
v1.0
III
ProASIC3E Ordering Information
* The DC and switching characteristics for the –F speed grade targets are based only on simulation. The characteristics provided
for the –F speed grade are subject to change after establishing FPGA specifications. Some restrictions might be added and will
be reflected in future revisions of this document. The –F speed grade is only supported in the commercial temperature range.
A3PE3000
FG
_
Part Number
Speed Grade
1
Blank = Standard
1 = 15% Faster than Standard
2 = 25% Faster than Standard
F = 20% Slower than Standard*
Package Type
PQ = Plastic Quad Flat Pack (0.5 mm pitch)
FG = Fine Pitch Ball Grid Array (1.0 mm pitch)
896
I
Package Lead Count
Application (Temperature Range)
Blank = Commercial (0°C to +70°C Ambient Temperature)
I = Industrial (–40°C to +85°C Ambient Temperature)
PP = Pre-Production
ES = Engineering Sample (Room Temperature Only)
600,000 System Gates
A3PE600 =
1,500,000 System Gates
A3PE1500 =
3,000,000 System Gates
A3PE3000 =
1,500,000 System Gates
M1A3PE1500 =
3,000,000 System Gates
M1A3PE3000 =
G
Lead-Free Packaging
Blank = Standard Packaging
G = RoHS-Compliant (Green) Packaging
ProASIC3E Devices
ProASIC3E Devices with Cortex-M1


Similar Part No. - M1A3PE3000-FFGG896I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
M1A3PE3000 MICROSEMI-M1A3PE3000 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
M1A3PE3000L MICROSEMI-M1A3PE3000L Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
M1A3PE3000L MICROSEMI-M1A3PE3000L Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
M1A3PE3000L-1FG144M ACTEL-M1A3PE3000L-1FG144M Datasheet
5Mb / 181P
   Military ProASIC3/EL Low-Power Flash FPGAs
M1A3PE3000L-1FGG144M ACTEL-M1A3PE3000L-1FGG144M Datasheet
5Mb / 181P
   Military ProASIC3/EL Low-Power Flash FPGAs
More results

Similar Description - M1A3PE3000-FFGG896I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PE1500-2FG676 MICROSEMI-A3PE1500-2FG676 Datasheet
8Mb / 164P
   ProASIC3E Flash Family FPGAs
A3PE1500-FG484 MICROSEMI-A3PE1500-FG484 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-FGG484 MICROSEMI-A3PE1500-FGG484 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-FG484 MICROSEMI-A3PE3000-FG484 Datasheet
8Mb / 166P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-PQG208I MICROSEMI-A3PE1500-PQG208I Datasheet
8Mb / 166P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-FGG324 MICROSEMI-A3PE3000-FGG324 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE600-2PQ208 MICROSEMI-A3PE600-2PQ208 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
APA300-PQG208M MICROSEMI-APA300-PQG208M Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com