Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AX1000-2PQG896M Datasheet(PDF) 9 Page - Actel Corporation

Part # AX1000-2PQG896M
Description  Axcelerator Family FPGAs
Download  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX1000-2PQG896M Datasheet(HTML) 9 Page - Actel Corporation

Back Button AX1000-2PQG896M Datasheet HTML 5Page - Actel Corporation AX1000-2PQG896M Datasheet HTML 6Page - Actel Corporation AX1000-2PQG896M Datasheet HTML 7Page - Actel Corporation AX1000-2PQG896M Datasheet HTML 8Page - Actel Corporation AX1000-2PQG896M Datasheet HTML 9Page - Actel Corporation AX1000-2PQG896M Datasheet HTML 10Page - Actel Corporation AX1000-2PQG896M Datasheet HTML 11Page - Actel Corporation AX1000-2PQG896M Datasheet HTML 12Page - Actel Corporation AX1000-2PQG896M Datasheet HTML 13Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 226 page
background image
Axcelerator Family FPGAs
v2.7
1-3
Figure 1-3 • AX C-Cell and R-Cell
Figure 1-4 • AX SuperCluster
Figure 1-5 • AX 2-bit Carry Logic
Table 1-1 • Number of Core Tiles per Device
Device
Number of Core Tiles
AX125
1 regular tile
AX250
4 smaller tiles
AX500
4 regular tiles
AX1000
9 regular tiles
AX2000
16 regular tiles
C-cell
A[1:0]
B[1:0]
D[3:0]
DB
CFN
FCO
FCI
Y
PSET
CLR
D
E
CLK
Q
(Positive Edge Triggered)
C-Cell
R-Cell
RX
TX
B
C
R
C
C
C
R
RX
RX
RX
TX
TX
TX
DCOUT
Y
Y
C-Cell
C-Cell
Carry Logic
FCI
FCO


Similar Part No. - AX1000-2PQG896M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AX1000-FGG484I MICROSEMI-AX1000-FGG484I Datasheet
13Mb / 262P
   350 MHz System Performance, 500 MHz Internal Performance
More results

Similar Description - AX1000-2PQG896M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com