Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A14100AA-2PG208C Datasheet(PDF) 2 Page - Actel Corporation

Part # A14100AA-2PG208C
Description  Accelerator Series FPGAs - ACT 3Family
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A14100AA-2PG208C Datasheet(HTML) 2 Page - Actel Corporation

  A14100AA-2PG208C Datasheet HTML 1Page - Actel Corporation A14100AA-2PG208C Datasheet HTML 2Page - Actel Corporation A14100AA-2PG208C Datasheet HTML 3Page - Actel Corporation A14100AA-2PG208C Datasheet HTML 4Page - Actel Corporation A14100AA-2PG208C Datasheet HTML 5Page - Actel Corporation A14100AA-2PG208C Datasheet HTML 6Page - Actel Corporation A14100AA-2PG208C Datasheet HTML 7Page - Actel Corporation A14100AA-2PG208C Datasheet HTML 8Page - Actel Corporation A14100AA-2PG208C Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
1-176
Description
Actel’s ACT 3 Accelerator Series of FPGAs offers the
industry’s fastest high-capacity programmable logic device.
ACT 3 FPGAs offer a high perfomance, PCI compliant
programmable solution capable of 250 MHz on-chip
performance and 7.5 nanosecond clock-to-output, with
capacities spanning from 1,500 to 10,000 gate array
equivalent gates. For further information regarding PCI
compliance of ACT 3 devices, see “Accelerator Series
FPGAs—ACT 3 PCI Compliant Family.”
The ACT 3 family builds on the proven two-module
architecture consisting of combinatorial and sequential logic
modules used in Actel’s 3200DX and 1200XL families. In
addition, the ACT 3 I/O modules contain registers which
deliver 7.5 nanosecond clock-to-out times.
The devices
contain four clock distribution networks, including dedicated
array and I/O clocks, supporting very fast synchronous and
asynchronous designs. In addition, routed clocks can be used
to drive high fanout signals such as flip-flop resets and output
enables.
The ACT 3 family is supported by Actel’s Designer Series
Development System which offers automatic placement and
routing (with automatic or fixed pin assignments), static
timing anlaysis, user programming, and debug and diagnostic
probe capabilities. The Designer Series is supported on the
following platforms: 486/Pentium class PC’s, Sun®‚ and HP®
workstations.
The software provides CAE interfaces to
Cadence, Mentor Graphics®, OrCADand Viewlogic®
design environments. Additional platforms are supported
through Actel’s Industry Alliance Program, including DATA
I/O (ABEL FPGA) and MINC.
System Performance Model
250 MHz
Shift Registers
250 MHz
Prescaled Loadable Counters (16-bit)
110 MHz
Loadable Counters (16-bit)
63 MHz
Accumulators (16-bit)
Predictable Performance* (Worst-Case Commercial)
Chip-to-Chip Performance
(Worst-Case Commercial)
tCKHS
tTRACE
tINSU
Total
MHz
A1425A-3
7.5
1.0
1.8
10.3 ns
97
A1460A-3
9.0
1.0
1.3
11.3 ns
88
I/O Module
I/O Module
35 pF
I/O CLK
I/O CLK
tCKHS
tTRACE
tINSU
Chip #1
Chip #2


Similar Part No. - A14100AA-2PG208C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A14100A MICROSEMI-A14100A Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A14100A-1CQ256B ACTEL-A14100A-1CQ256B Datasheet
1Mb / 98P
   HiRel FPGAs
A14100A-1CQ256B ACTEL-A14100A-1CQ256B Datasheet
1Mb / 98P
   HiRel FPGAs
A14100A-1CQ256B ACTEL-A14100A-1CQ256B Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
A14100A-1CQ256C ACTEL-A14100A-1CQ256C Datasheet
1Mb / 98P
   HiRel FPGAs
More results

Similar Description - A14100AA-2PG208C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-PL68C ACTEL-A1010B-PL68C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com