Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F08A60 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # F08A60
Description  FAST RECOVERY RECRIFIERS(8A,300-600V)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

F08A60 Datasheet(HTML) 1 Page - Mospec Semiconductor

  F08A60 Datasheet HTML 1Page - Mospec Semiconductor F08A60 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - F08A60

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
F08A60PT CHENMKO-F08A60PT Datasheet
86Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - F08A60

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
U08A30 MOSPEC-U08A30 Datasheet
134Kb / 2P
   FAST RECTIFIERS(8A,300-600V)
logo
Shindengen Electric Mfg...
SF8L60 SHINDENGEN-SF8L60 Datasheet
375Kb / 6P
   Super Fast Recovery Rectifiers(600V 8A)
D8L60 SHINDENGEN-D8L60 Datasheet
446Kb / 7P
   Super Fast Recovery Rectifiers(600V 8A)
logo
Mospec Semiconductor
H08A30 MOSPEC-H08A30 Datasheet
137Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(8A,300-600V)
logo
KODENSHI_AUK CORP.
SF8A600H-1 KODENSHI-SF8A600H-1 Datasheet
285Kb / 5P
   600V, 8A ULTRAFAST RECOVERY RECTIFIERS
SF8A600H KODENSHI-SF8A600H Datasheet
285Kb / 5P
   600V, 8A ULTRAFAST RECOVERY RECTIFIERS
logo
Frontier Electronics.
UFF80-005 FRONTIER-UFF80-005 Datasheet
132Kb / 2P
   8A ULTRA FAST RECOVERY RECTIFIER
SFF80-03 FRONTIER-SFF80-03 Datasheet
65Kb / 2P
   8A SUPER FAST RECOVERY RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
SF806A ASEMI-SF806A Datasheet
292Kb / 2P
   8A super fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
UFF80-005-LFR FRONTIER-UFF80-005-LFR Datasheet
132Kb / 2P
   8A ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com