Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A14V60AA-3VQ208M Datasheet(PDF) 4 Page - Actel Corporation

Part # A14V60AA-3VQ208M
Description  Accelerator Series FPGAs - ACT 3Family
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A14V60AA-3VQ208M Datasheet(HTML) 4 Page - Actel Corporation

  A14V60AA-3VQ208M Datasheet HTML 1Page - Actel Corporation A14V60AA-3VQ208M Datasheet HTML 2Page - Actel Corporation A14V60AA-3VQ208M Datasheet HTML 3Page - Actel Corporation A14V60AA-3VQ208M Datasheet HTML 4Page - Actel Corporation A14V60AA-3VQ208M Datasheet HTML 5Page - Actel Corporation A14V60AA-3VQ208M Datasheet HTML 6Page - Actel Corporation A14V60AA-3VQ208M Datasheet HTML 7Page - Actel Corporation A14V60AA-3VQ208M Datasheet HTML 8Page - Actel Corporation A14V60AA-3VQ208M Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
1-178
Product Plan
Speed Grade*
Application
Std
–1
–2
–3
C
I
M
B
A1415A Device
84-pin Plastic Leaded Chip Carrier (PLCC)
100-pin Plastic Quad Flatpack (PQFP)
100-pin Very Thin Quad Flatpack (VQFP)
100-pin Ceramic Pin Grid Array (CPGA)
A14V15A Device
84-pin Plastic Leaded Chip Carrier (PLCC)
100-pin Very Thin Quad Flatpack (VQFP)
A1425A Device
84-pin Plastic Leaded Chip Carrier (PLCC)
100-pin Plastic Quad Flatpack (PQFP)
100-pin Very Thin Quad Flatpack (VQFP)
132-pin Ceramic Quad Flatpack (CQFP)
133-pin Ceramic Pin Grid Array (CPGA)
160-pin Plastic Quad Flatpack (PQFP)
A14V25A Device
84-pin Plastic Leaded Chip Carrier (PLCC)
100-pin Very Thin Quad Flatpack (VQFP)
160-pin Plastic Quad Flatpack (PQFP)
A1440A Device
84-pin Plastic Leaded Chip Carrier (PLCC)
100-pin Very Thin Quad Flatpack (VQFP)
160-pin Plastic Quad Flatpack (PQFP)
175-pin Ceramic Pin Grid Array (CPGA)
176-pin Thin Quad Flatpack (TQFP)
A14V40A Device
84-pin Plastic Leaded Chip Carrier (PLCC)
100-pin Very Thin Quad Flatpack (VQFP)
160-pin Plastic Quad Flatpack (PQFP)
176-pin Thin Quad Flatpack (TQFP)
A1460A Device
160-pin Plastic Quad Flatpack (PQFP)
176-pin Thin Quad Flatpack (TQFP)
196-pin Ceramic Quad Flatpack (CQFP)
207-pin Ceramic Pin Grid Array (CPGA)
208-pin Plastic Quad Flatpack (PQFP)
225-pin Platic Ball Grid Array (BGA)
P
P
P†
P
P
Applications:
C = Commercial
Availability:
= Available
* Speed Grade: –1 = Approx. 15% faster than Standard
I
= Industrial
P
= Planned
–2 = Approx. 25% faster than Standard
M = Military
— = Not Planned
–3 = Approx. 35 % faster than Standard.
B = MIL-STD-883
† Commercial Only


Similar Part No. - A14V60AA-3VQ208M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A14V60A MICROSEMI-A14V60A Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
More results

Similar Description - A14V60AA-3VQ208M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-PL68C ACTEL-A1010B-PL68C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com