Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3PE1500-1FGG896ES Datasheet(PDF) 2 Page - Actel Corporation

Part # A3PE1500-1FGG896ES
Description  ProASIC3E Flash Family FPGAs
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A3PE1500-1FGG896ES Datasheet(HTML) 2 Page - Actel Corporation

  A3PE1500-1FGG896ES Datasheet HTML 1Page - Actel Corporation A3PE1500-1FGG896ES Datasheet HTML 2Page - Actel Corporation A3PE1500-1FGG896ES Datasheet HTML 3Page - Actel Corporation A3PE1500-1FGG896ES Datasheet HTML 4Page - Actel Corporation A3PE1500-1FGG896ES Datasheet HTML 5Page - Actel Corporation A3PE1500-1FGG896ES Datasheet HTML 6Page - Actel Corporation A3PE1500-1FGG896ES Datasheet HTML 7Page - Actel Corporation A3PE1500-1FGG896ES Datasheet HTML 8Page - Actel Corporation A3PE1500-1FGG896ES Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 152 page
background image
II
v1.0
I/Os Per Package1
ProASIC3E Devices
A3PE600
A3PE1500 3
A3PE3000 3
Cortex-M1 Devices2
M1A3PE1500
M1A3PE3000
Package
I/O Types
PQ208
147
65
147
65
147
65
FG256
165
79
––––
FG324
221
110
FG484
270
135
280
139
341
168
FG676
444
222
FG896
620
310
Notes:
1. When considering migrating your design to a lower- or higher-density device, refer to the ProASIC3E Flash Family FPGAs
handbook to ensure compliance with design and board migration requirements.
2. Each used differential I/O pair reduces the number of single-ended I/Os available by two.
3. For A3PE1500 and A3PE3000 devices, the usage of certain I/O standards is limited as follows:
– SSTL3(I) and (II): up to 40 I/Os per north or south bank
– LVPECL / GTL+ 3.3 V / GTL 3.3 V: up to 48 I/Os per north or south bank
– SSTL2(I) and (II) / GTL+ 2.5 V/ GTL 2.5 V: up to 72 I/Os per north or south bank
4. FG256 and FG484 are footprint-compatible packages.
5. When using voltage-referenced I/O standards, one I/O pin should be assigned as a voltage-referenced pin (VREF) per
minibank (group of I/Os).
6. "G" indicates RoHS-compliant packages. Refer to the "ProASIC3E Ordering Information" on page III for the location of
the "G" in the part number.


Similar Part No. - A3PE1500-1FGG896ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PE1500-1FGG896ES MICROSEMI-A3PE1500-1FGG896ES Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-1FGG896ES MICROSEMI-A3PE1500-1FGG896ES Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
More results

Similar Description - A3PE1500-1FGG896ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PE1500-2FG676 MICROSEMI-A3PE1500-2FG676 Datasheet
8Mb / 164P
   ProASIC3E Flash Family FPGAs
A3PE1500-FG484 MICROSEMI-A3PE1500-FG484 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-FGG484 MICROSEMI-A3PE1500-FGG484 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-FG484 MICROSEMI-A3PE3000-FG484 Datasheet
8Mb / 166P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-PQG208I MICROSEMI-A3PE1500-PQG208I Datasheet
8Mb / 166P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-FGG324 MICROSEMI-A3PE3000-FGG324 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE600-2PQ208 MICROSEMI-A3PE600-2PQ208 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
APA300-PQG208M MICROSEMI-APA300-PQG208M Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com