Electronic Components Datasheet Search |
|
AGL250V5-CSG144PP Datasheet(PDF) 2 Page - Actel Corporation |
|
AGL250V5-CSG144PP Datasheet(HTML) 2 Page - Actel Corporation |
2 / 212 page IGLOO Low-Power Flash FPGAs II v1.3 I/Os Per Package1 IGLOO Devices AGL015 AGL030 AGL060 AGL125 AGL250 AGL400 AGL600 AGL1000 ARM-Enabled IGLOO Devices M1AGL250 3 M1AGL400 M1AGL600 M1AGL1000 Package I/O Type QN48 – 34 – – – – –––– – – QN68 49 49 – – – – –––– – – UC81 – 66 – – – – –––– – – CS81 – 66 – – – – –––– – – CS121 – – 96 – – – –––– – – VQ100 – 77 71 71 68 13 –––– – – QN132 – 818084 87 7 19 7 –––– – – CS196 – – – 133 143 35 143 35 – – – – FG144 –– 96 7 97 97 24 97 25 97 25 97 25 FG256 – – – – – – 178 38 177 43 177 44 CS281 – – – – – – – – 215 53 215 53 FG484 – – – – – – 194 38 235 60 300 74 Notes: 1. When considering migrating your design to a lower- or higher-density device, refer to the IGLOO Low-Power Flash FPGAs handbook to ensure compliance with design and board migration requirements. 2. Each used differential I/O pair reduces the number of single-ended I/Os available by two. 3. The M1AGL250 device does not support QN132 or CS196 packages. Refer to the IGLOO Low-Power Flash FPGAs handbook for position assignments of the 15 LVPECL pairs. 4. FG256 and FG484 are footprint-compatible packages. 5. When the Flash*Freeze pin is used to directly enable Flash*Freeze mode and not used as a regular I/O, the number of single-ended user I/Os available is reduced by one. 6. "G" indicates RoHS-compliant packages. Refer to "IGLOO Ordering Information" on page III for the location of the "G" in the part number. 7. Device/package support TBD. IGLOO FPGAs Package Sizes Dimensions Package UC81 CS81 CS121 QN68 QN132 CS196 CS281 FG144 VQ100 FG256 FG484 Length × Width (mm\mm) 4 × 4 5 × 5 6 × 6 8 × 8 8 × 8 8 × 8 10 × 10 13 × 13 14 × 14 17 × 17 23 × 23 Nominal Area (mm2) 16 25 36 64 64 64 100 169 196 289 529 Pitch (mm) 0.4 0.5 0.5 0.4 0.5 0.5 0.5 1.0 0.5 1.0 1.0 Height (mm) 0.80 0.80 0.99 0.90 0.75 1.20 1.05 1.45 1.00 1.60 2.23 |
Similar Part No. - AGL250V5-CSG144PP |
|
Similar Description - AGL250V5-CSG144PP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |