Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A500K130-FG208 Datasheet(PDF) 9 Page - Actel Corporation

Part # A500K130-FG208
Description  ProASIC 500K Family
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A500K130-FG208 Datasheet(HTML) 9 Page - Actel Corporation

Back Button A500K130-FG208 Datasheet HTML 5Page - Actel Corporation A500K130-FG208 Datasheet HTML 6Page - Actel Corporation A500K130-FG208 Datasheet HTML 7Page - Actel Corporation A500K130-FG208 Datasheet HTML 8Page - Actel Corporation A500K130-FG208 Datasheet HTML 9Page - Actel Corporation A500K130-FG208 Datasheet HTML 10Page - Actel Corporation A500K130-FG208 Datasheet HTML 11Page - Actel Corporation A500K130-FG208 Datasheet HTML 12Page - Actel Corporation A500K130-FG208 Datasheet HTML 13Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
Discontinued – v3.0
9
Pr oAS I C ® 5 00K Fa mily
I n p u t/Ou tp ut Bl oc ks
To meet complex system design needs, the ProASIC 500K
family offers devices with a large number of I/O pins, up to
440 user I/O pins on the A500K270. If the I/O pad is powered
at 3.3V, each I/O can be selectively configured at 2.5V and
3.3V threshold levels. Table 2 shows the available supply
voltage configurations. Figure 8 illustrates I/O interfaces
with other devices.
The I/O pads are fully configurable to provide the maximum
flexibility and speed. Each pad can be configured as an
input, an output, a three-state driver, or a bidirectional
buffer (Figure 9). I/O pads configured as inputs have the
following features:
• Individually selectable 2.5V or 3.3V threshold levels1
• Optional pull-up resistor
I/O pads configured as outputs have the following features:
• Individually selectable 2.5V or 3.3V compliant output
signals1
•3.3V PCI compliant
• Ability to drive LVTTL and LVCMOS levels
• Selectable drive strengths
• Selectable slew rates
• Tristate
I/O pads configured as bidirectional buffers have the
following features:
• Individually selectable 2.5V or 3.3V compliant output
signals and threshold levels1
•3.3V PCI compliant
• Optional pull-up resistor
• Selectable drive strengths
• Selectable slew rates
• Tristate
All I/Os also include an ESD protection circuit. Each I/O is
tested according to the following model:
Boun dary S c a n
ProASIC devices are compatible with IEEE Standard 1149.1,
which defines a set of hardware architecture and
mechanisms for cost-effective board-level testing. The basic
ProASIC boundary-scan logic circuit is composed of the TAP
(test access port), TAP controller, test data registers, and
instruction register (Figure 10 on page 10). This circuit
supports all mandatory IEEE 1149.1 instructions (EXTEST,
SAMPLE/PRELOAD and BYPASS), the optional IDCODE
instructions and private instructions used for device
programming and factory testing.
Each test section is accessed through the TAP, which has
five associated pins: TCK (test clock input), TDI and TDO
(test data input and output), TMS (test mode selector) and
TRST (test reset input). TMS, TDI, and TRST are equipped
Table 2 • ProASIC Power Supply Voltages
VDDP
2.5V
3.3V
Input Tolerance
2.5V
3.3V, 2.5V
Output Drive
2.5V
3.3V, 2.5V
Note:
VDDL is always 2.5V.
1. If pads are configured for 2.5V operation, they are compliant with 2.5V level
signals as defined by JEDEC JESD 8-5. If pads are configured for 3.3V operation,
they are compliant to the standard as defined by JEDEC JESD 8-A (LVTTL and
LVCMOS).
Human Body Model (HBM)
(Per Mil Std 883 Method 3015)
2000V
Figure 8 • I/O Interfaces
Figure 9 • I/O Block Schematic Representation
ProASIC
VDDL = 2.5V
VDDP = 2.5V
ProASIC
VDDL = 2.5V
VDDP = 3.3V
2.5V
Device
2.5V
Device
2.5V
Device
3.3V
Device
2.5V
Device
3.3V
Device
3.3V/2.5V
Signal Control
Pull-up
Control
3.3V/2.5V Signal Control
Drive Strength and Slew
Rate Control
Pad
Y
EN
A


Similar Part No. - A500K130-FG208

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
A500 POWEREX-A500 Datasheet
141Kb / 3P
   SILICON RECTIFIER
logo
Littelfuse
A500 LITTELFUSE-A500 Datasheet
123Kb / 2P
   GAS DISCHARGE TUBE - 5x5mm
logo
NXP Semiconductors
A5000 NXP-A5000 Datasheet
377Kb / 26P
   Edge Lock Secure Authenticator
Rev. 1.0 ??28 March 2022
logo
MicroPower Direct, LLC
A500ERW MPD-A500ERW Datasheet
187Kb / 2P
   Low Cost, Wide Input, 5W Single & Dual Output DC/DC Converters
logo
Powerex Power Semicondu...
A500L POWEREX-A500L Datasheet
141Kb / 3P
   SILICON RECTIFIER
More results

Similar Description - A500K130-FG208

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA075-PQG208 ACTEL-APA075-PQG208 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA300-PQ208A ACTEL-APA300-PQ208A Datasheet
352Kb / 10P
   ProASIC Flash Family FPGAs
APA1000-FFGG1152I ACTEL-APA1000-FFGG1152I Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
logo
TT Electronics.
SWT6 TTELEC-SWT6 Datasheet
150Kb / 5P
   Model SWT6 Tactile Switches 6X6 mm 500K Actuations RoHS Compliant
logo
ATGBICS by Approved Tec...
GMFIBER-SFP-500K-C ATGBICS-GMFIBER-SFP-500K-C Datasheet
293Kb / 8P
   GMFIBER-SFP-500K Sixnet Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com