Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A500K270-BG208I Datasheet(PDF) 11 Page - Actel Corporation

Part # A500K270-BG208I
Description  ProASIC 500K Family
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A500K270-BG208I Datasheet(HTML) 11 Page - Actel Corporation

Back Button A500K270-BG208I Datasheet HTML 7Page - Actel Corporation A500K270-BG208I Datasheet HTML 8Page - Actel Corporation A500K270-BG208I Datasheet HTML 9Page - Actel Corporation A500K270-BG208I Datasheet HTML 10Page - Actel Corporation A500K270-BG208I Datasheet HTML 11Page - Actel Corporation A500K270-BG208I Datasheet HTML 12Page - Actel Corporation A500K270-BG208I Datasheet HTML 13Page - Actel Corporation A500K270-BG208I Datasheet HTML 14Page - Actel Corporation A500K270-BG208I Datasheet HTML 15Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
Discontinued – v3.0
11
Pr oAS I C ® 5 00K Fa mily
Us er Se cu ri ty
The ProASIC 500K devices have read-protect bits that, once
programmed, lock the entire programmed contents from
being read externally. The user can only reprogram the
device using the security key. This protects it from being
read back and duplicated. Since programmed data is stored
in nonvolatile Flash cells (which act like very small
capacitors),
rather
than
in
the
wiring,
physical
deconstruction cannot be used to compromise data. That
approach would be further hampered by the placement of
the flash cells, beneath the four metal layers (whose
removal could not be accomplished without disturbing the
charge on the floating gate). This is the highest security
provided in the industry. For more information, refer to the
Design Security for Nonvolatile Flash and Antifuse FPGAs
white paper for more information.
E m be dde d Memo ry Fl oorp l a n
The embedded memory is located across the top of the
device (see Figure 1 on page 4) in 256x9 blocks. Depending
upon the device, 6 to 28 blocks are available to support a
variety of memory configurations. Each block can be
programmed as an independent memory or combined
(using dedicated memory routing resources) to form larger,
more complex memories.
E m bed ded Memory Con f i g u r ati ons
The embedded memory in the ProASIC 500K family provides
great configuration flexibility. While other programmable
vendors typically use single port memories that can only be
transformed into two-port memories by sacrificing half the
memory, each ProASIC block is designed and optimized as a
two-port memory (1 read, 1 write). This provides 63k bits of
total memory for two-port and single port usage in the
A500K270 device.
Each memory can be configured as FIFO or SRAM, with
independent selection of synchronous or asynchronous read
and write ports (Table 3 on page 12). Multiple write ports
are not supported. Additional characteristics include
programmable flags as well as parity check and generation.
Figure 12 and Figure 13 on page 13 show the block diagrams
of the basic SRAM and FIFO blocks. These memories are
designed to operate up to 133 MHz when operated
individually. Each block contains a 256 word deep by 9-bit
wide (1 read, 1 write) memory. The memory blocks may be
combined in parallel to form wider memories or stacked to
form deeper memories (Figure 14 on page 14). This
provides optimal bit widths of 9 (1 block), 18, 36, and 72,
and optimal depths of 256, 512, 768, and 1024. Refer to the
Macro Library Guide for more information.
Figure 11 • TAP Controller State Diagram
Select-DR-
Scan
Select-IR-
Scan
1
1
00


Similar Part No. - A500K270-BG208I

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
A500 POWEREX-A500 Datasheet
141Kb / 3P
   SILICON RECTIFIER
logo
Littelfuse
A500 LITTELFUSE-A500 Datasheet
123Kb / 2P
   GAS DISCHARGE TUBE - 5x5mm
logo
NXP Semiconductors
A5000 NXP-A5000 Datasheet
377Kb / 26P
   Edge Lock Secure Authenticator
Rev. 1.0 ??28 March 2022
logo
MicroPower Direct, LLC
A500ERW MPD-A500ERW Datasheet
187Kb / 2P
   Low Cost, Wide Input, 5W Single & Dual Output DC/DC Converters
logo
Powerex Power Semicondu...
A500L POWEREX-A500L Datasheet
141Kb / 3P
   SILICON RECTIFIER
More results

Similar Description - A500K270-BG208I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA075-PQG208 ACTEL-APA075-PQG208 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA300-PQ208A ACTEL-APA300-PQ208A Datasheet
352Kb / 10P
   ProASIC Flash Family FPGAs
APA1000-FFGG1152I ACTEL-APA1000-FFGG1152I Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
logo
TT Electronics.
SWT6 TTELEC-SWT6 Datasheet
150Kb / 5P
   Model SWT6 Tactile Switches 6X6 mm 500K Actuations RoHS Compliant
logo
ATGBICS by Approved Tec...
GMFIBER-SFP-500K-C ATGBICS-GMFIBER-SFP-500K-C Datasheet
293Kb / 8P
   GMFIBER-SFP-500K Sixnet Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com