Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A500K180-FG208ES Datasheet(PDF) 1 Page - Actel Corporation

Part # A500K180-FG208ES
Description  ProASIC 500K Family
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A500K180-FG208ES Datasheet(HTML) 1 Page - Actel Corporation

  A500K180-FG208ES Datasheet HTML 1Page - Actel Corporation A500K180-FG208ES Datasheet HTML 2Page - Actel Corporation A500K180-FG208ES Datasheet HTML 3Page - Actel Corporation A500K180-FG208ES Datasheet HTML 4Page - Actel Corporation A500K180-FG208ES Datasheet HTML 5Page - Actel Corporation A500K180-FG208ES Datasheet HTML 6Page - Actel Corporation A500K180-FG208ES Datasheet HTML 7Page - Actel Corporation A500K180-FG208ES Datasheet HTML 8Page - Actel Corporation A500K180-FG208ES Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
Fe bru a ry 200 2
1
© 2002 Actel Corporation
Discontinued – v3.0
ProASIC® 500K Family
Fe atur es a nd Benef its
Hi gh Capa ci ty
• 100,000 to 475,000 System Gates
• 14k to 63k Bits of Two-Port SRAM
• 106 to 440 User I/Os
P e rf orma nce
• 33 MHz PCI 32-bit PCI
• Internal System Performance up to 250 MHz
• External System Performance up to 100 MHz
L o w Po wer
• Low Impedance Flash Switches
• Segmented Hierarchical Routing Structure
• Small, Efficient Logic Cells
Hi gh P e rf orman c e Routi n g Hi era r c h y
• Ultra Fast Local Network
• Efficient Long Line Network
• High Speed Very Long Line Network
• High Performance Global Network
No nv o l a t ile a n d Re pro g r am m a bl e Fl as h
T e ch nol o gy
• Live at Power Up
• No Configuration Device Required
• Retains Programmed Design During Power-Down/
Power-Up Cycles
I/O
• Mixed 2.5V/3.3V Support with Individually-Selectable
Voltage and Slew Rate
• 3.3V, PCI Compliance (PCI Revision 2.2)
S e cu re Prog rammi ng
The Industry’s Most Effective Security Key Prevents Read
Back of Programming Bit Stream
S t and a rd FP GA an d AS I C De si gn Fl ow
• Flexibility with Choice of Industry-Standard Front-End
Tools
• Efficient Design Through Front-End Timing and Gate
Optimization
IS P S u pp o r t
• In-System Programming (ISP) with Silicon Sculptor and
Flash Pro
S R AMs an d FI FOs
•Up to 150 MHz Synchronous and Asynchronous Operation
• Netlist Generator Ensures Optimal Usage of Embedded
Memory Blocks
Boun dary S c a n Tes t
IEEE Std. 1149.1 (JTAG) Compliant
Pr oASIC Prod uct Pr of ile
Device
A500K050
A500K130
A500K180
A500K270
Maximum System Gates
100,000
290,000
370,000
475,000
Typical Gates
43,000
105,000
150,000
215,000
Maximum Flip-Flops
5,376
12,800
18,432
26,880
Embedded RAM Bits
14k
45k
54k
63k
Embedded RAM Blocks (256 X 9)
6
20
24
28
Logic Tiles
5,376
12,800
18,432
26,880
Global Routing Resources
4
4
4
4
Maximum User I/Os
204
306
362
440
JTAG
Yes
Yes
Yes
Yes
PCI
Yes
Yes
Yes
Yes
Package (by Pin Count)
PQFP
PBGA
FBGA
208
272
144
208
272, 456
144, 256
208
456
256
208
456
256, 676


Similar Part No. - A500K180-FG208ES

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
A500 POWEREX-A500 Datasheet
141Kb / 3P
   SILICON RECTIFIER
logo
Littelfuse
A500 LITTELFUSE-A500 Datasheet
123Kb / 2P
   GAS DISCHARGE TUBE - 5x5mm
logo
NXP Semiconductors
A5000 NXP-A5000 Datasheet
377Kb / 26P
   Edge Lock Secure Authenticator
Rev. 1.0 ??28 March 2022
logo
MicroPower Direct, LLC
A500ERW MPD-A500ERW Datasheet
187Kb / 2P
   Low Cost, Wide Input, 5W Single & Dual Output DC/DC Converters
logo
Powerex Power Semicondu...
A500L POWEREX-A500L Datasheet
141Kb / 3P
   SILICON RECTIFIER
More results

Similar Description - A500K180-FG208ES

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA075-PQG208 ACTEL-APA075-PQG208 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA300-PQ208A ACTEL-APA300-PQ208A Datasheet
352Kb / 10P
   ProASIC Flash Family FPGAs
APA1000-FFGG1152I ACTEL-APA1000-FFGG1152I Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
logo
TT Electronics.
SWT6 TTELEC-SWT6 Datasheet
150Kb / 5P
   Model SWT6 Tactile Switches 6X6 mm 500K Actuations RoHS Compliant
logo
ATGBICS by Approved Tec...
GMFIBER-SFP-500K-C ATGBICS-GMFIBER-SFP-500K-C Datasheet
293Kb / 8P
   GMFIBER-SFP-500K Sixnet Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com