Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA1000-TQ896A Datasheet(PDF) 7 Page - Actel Corporation

Part # APA1000-TQ896A
Description  Automotive-Grade ProASIC Flash Family FPGAs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA1000-TQ896A Datasheet(HTML) 7 Page - Actel Corporation

Back Button APA1000-TQ896A Datasheet HTML 2Page - Actel Corporation APA1000-TQ896A Datasheet HTML 3Page - Actel Corporation APA1000-TQ896A Datasheet HTML 4Page - Actel Corporation APA1000-TQ896A Datasheet HTML 5Page - Actel Corporation APA1000-TQ896A Datasheet HTML 6Page - Actel Corporation APA1000-TQ896A Datasheet HTML 7Page - Actel Corporation APA1000-TQ896A Datasheet HTML 8Page - Actel Corporation APA1000-TQ896A Datasheet HTML 9Page - Actel Corporation APA1000-TQ896A Datasheet HTML 10Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Automotive-Grade ProASICPLUS Flash Family FPGAs
A u t o m o t i ve S upp l e m e nt
7
Table 7 • DC Electrical Specifications (VDDP = 3.3V ±5% and VDD 2.5V ±5%)
Symbol
Parameter
Conditions
Automotive1
Units
Min.
Typ.
Max.
VOH
Output High Voltage
3.3V I/O, High Drive (OB33P)
3.3V I/O, Low Drive (OB33L)
IOH = –14 mA
IOH = –24 mA
IOH = –6 mA
IOH = –12 mA
0.9
∗VDDP
2.4
0.9
∗V
DDP
2.4
V
VOL
Output Low Voltage
3.3V I/O, High Drive (OB33P)
3.3V I/O, Low Drive (OB33L)
IOL = 15 mA
IOL = 20 mA
IOL = 28 mA
IOL = 7 mA
IOL = 10 mA
IOL = 15 mA
0.1VDDP
0.4
0.7
0.1VDDP
0.4
0.7
V
VIH
Input High Voltage
3.3V LVTTL/LVCMOS
2
VDDP + 0.3
V
VIL
Input Low Voltage
3.3V LVTTL/LVCMOS
–0.3
0.8
V
RWEAKPULLUP Weak
Pull-up
Resistance
(IOB33U)
VIN 1.5V
7
43
k
RWEAKPULLUP Weak
Pull-up
Resistance
(IOB25U)
VIN 1.5V
7
43
k
IIN
Input Current
with pull up (VIN = GND)
–300
–40
µA
without pull up (VIN = GND or VDD)
–50
50
µA
IDDQ
Quiescent Supply Current
(standby)
VIN = GND
2 or V
DD
5.0
20
mA
IOZ
Tristate
Output
Leakage
Current
VOH = GND or VDD
–10
10
µA
IOSH
Output Short Circuit Current
High
3.3V High Drive (OB33P)
3.3V Low Drive (OB33L)
VIN = GND
VIN = GND
–200
–100
mA
IOSL
Output Short Circuit Current
Low
3.3V High Drive
3.3V Low Drive
VIN = VDD
VIN = VDD
200
100
mA
CI/O
I/O Pad Capacitance
10
pF
CCLK
Clock Input Pad Capacitance
10
pF
Notes:
1. All process conditions. Junction Temperature: –40 to +125°C.
2. No pull-up resistor.


Similar Part No. - APA1000-TQ896A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA1000-TQB ACTEL-APA1000-TQB Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
APA1000-TQES ACTEL-APA1000-TQES Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
APA1000-TQGB ACTEL-APA1000-TQGB Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
APA1000-TQGES ACTEL-APA1000-TQGES Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
APA1000-TQGI ACTEL-APA1000-TQGI Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
More results

Similar Description - APA1000-TQ896A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA300-PQ208A ACTEL-APA300-PQ208A Datasheet
352Kb / 10P
   ProASIC Flash Family FPGAs
APA075-PQG208 ACTEL-APA075-PQG208 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA1000-FFGG1152I ACTEL-APA1000-FFGG1152I Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
APA300-PQG208M MICROSEMI-APA300-PQG208M Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
APA600-PQ208I MICROSEMI-APA600-PQ208I Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA150-FG144I ACTEL-APA150-FG144I Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
A3PE3000-1FGG896I ACTEL-A3PE3000-1FGG896I Datasheet
4Mb / 152P
   ProASIC3E Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com