Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA600-TQ896A Datasheet(PDF) 5 Page - Actel Corporation

Part # APA600-TQ896A
Description  Automotive-Grade ProASIC Flash Family FPGAs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA600-TQ896A Datasheet(HTML) 5 Page - Actel Corporation

  APA600-TQ896A Datasheet HTML 1Page - Actel Corporation APA600-TQ896A Datasheet HTML 2Page - Actel Corporation APA600-TQ896A Datasheet HTML 3Page - Actel Corporation APA600-TQ896A Datasheet HTML 4Page - Actel Corporation APA600-TQ896A Datasheet HTML 5Page - Actel Corporation APA600-TQ896A Datasheet HTML 6Page - Actel Corporation APA600-TQ896A Datasheet HTML 7Page - Actel Corporation APA600-TQ896A Datasheet HTML 8Page - Actel Corporation APA600-TQ896A Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Automotive-Grade ProASICPLUS Flash Family FPGAs
A u t o m o t i ve S upp l e m e nt
5
Table 2 • Performance Retention
Time at TJ 110°C or below
Time at TJ 125°C or below
Minimum Program Retention (Years)
100%
0%
20.0
99%
1%
19.8
98%
2%
19.6
95%
5%
19.0
90%
10%
18.2
85%
15%
17.4
80%
20%
16.7
75%
25%
16.0
70%
30%
15.4
60%
40%
14.3
50%
50%
13.3
25%
75%
11.4
0%
100%
10.0
Table 3 • Nominal Supply Voltages
Mode
VDD
VDDP
2.5V Output
2.5V
2.5V
3.3V Output*
2.5V
3.3V
Note: *Automotive-grade ProASICPLUS devices do not support mixed-mode I/Os.
Table 4 • Recommended Maximum Operating Conditions for Programming and PLL Supplies*
Parameter
Condition
Automotive
Units
Minimum
Maximum
VPP
During Programming
15.8
16.5
V
Normal Operation
0
16.5
V
VPN
During Programming
–13.8
–13.2
V
Normal Operation
–13.8
0
V
IPP
During Programming
25
mA
IPN
During Programming
10
mA
AVDD
VDD
VDD
V
AGND
GND
GND
V
Note: *Devices should not be operated outside the Recommended Operating Conditions.


Similar Part No. - APA600-TQ896A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA600-TQB ACTEL-APA600-TQB Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
APA600-TQES ACTEL-APA600-TQES Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
APA600-TQGB ACTEL-APA600-TQGB Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
APA600-TQGES ACTEL-APA600-TQGES Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
APA600-TQGI ACTEL-APA600-TQGI Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
More results

Similar Description - APA600-TQ896A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA300-PQ208A ACTEL-APA300-PQ208A Datasheet
352Kb / 10P
   ProASIC Flash Family FPGAs
APA075-PQG208 ACTEL-APA075-PQG208 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA1000-FFGG1152I ACTEL-APA1000-FFGG1152I Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
APA300-PQG208M MICROSEMI-APA300-PQG208M Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
APA600-PQ208I MICROSEMI-APA600-PQ208I Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA150-FG144I ACTEL-APA150-FG144I Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
A3PE3000-1FGG896I ACTEL-A3PE3000-1FGG896I Datasheet
4Mb / 152P
   ProASIC3E Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com