Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA150-FG896A Datasheet(PDF) 8 Page - Actel Corporation

Part # APA150-FG896A
Description  Automotive-Grade ProASIC Flash Family FPGAs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150-FG896A Datasheet(HTML) 8 Page - Actel Corporation

Back Button APA150-FG896A Datasheet HTML 2Page - Actel Corporation APA150-FG896A Datasheet HTML 3Page - Actel Corporation APA150-FG896A Datasheet HTML 4Page - Actel Corporation APA150-FG896A Datasheet HTML 5Page - Actel Corporation APA150-FG896A Datasheet HTML 6Page - Actel Corporation APA150-FG896A Datasheet HTML 7Page - Actel Corporation APA150-FG896A Datasheet HTML 8Page - Actel Corporation APA150-FG896A Datasheet HTML 9Page - Actel Corporation APA150-FG896A Datasheet HTML 10Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Automotive-Grade ProASICPLUS Flash Family FPGAs
8
A ut om ot i v e Supp l e m e nt
Table 8 • DC Specifications (3.3V PCI Revision 2.2 Operation)1
Symbol
Parameter
Condition
Automotive2
Units
Min.
Max.
VDD
Supply Voltage for Core
2.375
2.625
V
VDDP
Supply Voltage for I/O Ring
3.135
3.465
V
VIH
Input High Voltage
0.5VDDP
VDDP + 0.5
V
VIL
Input Low Voltage
–0.5
0.3VDDP
V
IIPU
Input Pull-up Voltage3
0.7VDDP
V
IIL
Input Leakage Current4
0 < VIN < VCCI
–50
50
µA
VOH
Output High Voltage
IOUT = –500 µA
0.9VDDP
V
VOL
Output Low Voltage
IOUT = 1500 µA
0.1VDDP
V
CIN
Input Pin Capacitance (except CLK)
10
pF
CCLK
CLK Pin Capacitance
5
12
pF
Notes:
1. For PCI operation, use OTB33PH, OB33PH, IOB33PH, IB33, or IB33S macro library cells only.
2. All process conditions. Junction Temperature: –40 to +125°C.
3. This specification is guaranteed by design. It is the minimum voltage to which pull-up resistors are calculated to pull a
floated network. Designers with applications sensitive to static power utilization should ensure that the input buffer is
conducting minimum current at this input voltage.
4. Input leakage currents include hi-Z output leakage for all bidirectional buffers with tristate outputs.


Similar Part No. - APA150-FG896A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA150-FG1152ES ACTEL-APA150-FG1152ES Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA150-FG1152I ACTEL-APA150-FG1152I Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA150-FG1152PP ACTEL-APA150-FG1152PP Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA150-FG144I ACTEL-APA150-FG144I Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
APA150-FGB ACTEL-APA150-FGB Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
More results

Similar Description - APA150-FG896A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA300-PQ208A ACTEL-APA300-PQ208A Datasheet
352Kb / 10P
   ProASIC Flash Family FPGAs
APA075-PQG208 ACTEL-APA075-PQG208 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA1000-FFGG1152I ACTEL-APA1000-FFGG1152I Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
APA300-PQG208M MICROSEMI-APA300-PQG208M Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
APA600-PQ208I MICROSEMI-APA600-PQ208I Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA150-FG144I ACTEL-APA150-FG144I Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
A3PE3000-1FGG896I ACTEL-A3PE3000-1FGG896I Datasheet
4Mb / 152P
   ProASIC3E Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com