Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA1000-FG896A Datasheet(PDF) 9 Page - Actel Corporation

Part # APA1000-FG896A
Description  Automotive-Grade ProASIC Flash Family FPGAs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA1000-FG896A Datasheet(HTML) 9 Page - Actel Corporation

Back Button APA1000-FG896A Datasheet HTML 2Page - Actel Corporation APA1000-FG896A Datasheet HTML 3Page - Actel Corporation APA1000-FG896A Datasheet HTML 4Page - Actel Corporation APA1000-FG896A Datasheet HTML 5Page - Actel Corporation APA1000-FG896A Datasheet HTML 6Page - Actel Corporation APA1000-FG896A Datasheet HTML 7Page - Actel Corporation APA1000-FG896A Datasheet HTML 8Page - Actel Corporation APA1000-FG896A Datasheet HTML 9Page - Actel Corporation APA1000-FG896A Datasheet HTML 10Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Automotive-Grade ProASICPLUS Flash Family FPGAs
A u t o m o t i ve S upp l e m e nt
9
Table 9 • AC Specifications (3.3V PCI Revision 2.2 Operation)
Symbol Parameter
Condition
Automotive
Units
Min.
Max.
IOH(AC)
Switching Current High
0 < VOUT ≤ 0.3VCCI
*
–12VCCI
mA
0.3VCCI ≤ VOUT < 0.9VCCI
*
(–17.1 + (VDDP – VOUT))
mA
0.7VCCI < VOUT < VCCI
*
See equation C – page 124 of
the PCI Specification
document rev. 2.2
(Test Point)
VOUT = 0.7VCC
*
–32VCCI
mA
IOL(AC)
Switching Current Low
VCCI > VOUT ≥ 0.6VCCI
*
16VDDP
mA
0.6VCCI > VOUT > 0.1VCCI
1
(26.7VOUT)mA
0.18VCCI > VOUT > 0
*
See equation D – page 124 of
the PCI Specification
document rev. 2.2
(Test Point)
VOUT = 0.18VCC
38VCCI
mA
ICL
Low Clamp Current
–3 < VIN ≤ –1
–25 + (VIN + 1)/0.015
mA
ICH
High Clamp Current
VCCI + 4 > VIN ≥ VCCI + 1
25 + (VIN – VDDP – 1)/0.015
mA
slewR
Output Rise Slew Rate
0.2VCCI to 0.6VCCI load
*
14
V/ns
slewF
Output Fall Slew Rate
0.6VCCI to 0.2VCCI load
*
14
V/ns
Note: * Refer to the PCI Specification document rev. 2.2.
pin
output
buffer
1/2 in. max
10 pF
1k
pin
output
buffer
10 pF
1k
Pad Loading Applicable to the Rising Edge PCI
Pad Loading Applicable to the Falling Edge PCI


Similar Part No. - APA1000-FG896A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA1000-FGB ACTEL-APA1000-FGB Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
APA1000-FGES ACTEL-APA1000-FGES Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
APA1000-FGGB ACTEL-APA1000-FGGB Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
APA1000-FGGES ACTEL-APA1000-FGGES Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
APA1000-FGGI ACTEL-APA1000-FGGI Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
More results

Similar Description - APA1000-FG896A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA300-PQ208A ACTEL-APA300-PQ208A Datasheet
352Kb / 10P
   ProASIC Flash Family FPGAs
APA075-PQG208 ACTEL-APA075-PQG208 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA1000-FFGG1152I ACTEL-APA1000-FFGG1152I Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
APA300-PQG208M MICROSEMI-APA300-PQG208M Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
APA600-PQ208I MICROSEMI-APA600-PQ208I Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA150-FG144I ACTEL-APA150-FG144I Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
A3PE3000-1FGG896I ACTEL-A3PE3000-1FGG896I Datasheet
4Mb / 152P
   ProASIC3E Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com